Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7181CBSTZ-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7181CBSTZ-REEL
Description  10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7181CBSTZ-REEL Datasheet HTML 7Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 8Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 9Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 10Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 11Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 12Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 13Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 14Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADV7181C
Rev. 0 | Page 11 of 20
DETAILED FUNCTIONALITY
ANALOG FRONT END
The analog front-end section contains four high quality 10-bit
ADCs, and the six analog input channel mux enables multisource
connection without the requirement of an external mux. It also
contains
Four current and voltage clamp control loops to ensure
that any dc offsets are removed from the video signal
SCART functionality and SD RGB overlay on CVBS that
are controlled by fast blank input
Four internal antialias filters to remove out-of-band noise
on standard definition input video signals
SDP PIXEL DATA OUTPUT MODES
8-/10-bit ITU-R BT.656 4:2:2 YCrCb with embedded time
codes and/or HS, S, and FIELD
16-/20-bit YCrCb with embedded time codes and/or HS,
VS, and FIELD
CP PIXEL DATA OUTPUT MODES
CP pixel data output modes include single data rate (SDR) and
double data rate (DDR) as follows:
SDR 8-/10-bit 4:2:2 YCrCb for 525i, 625i
SDR 16-/20-bit 4:2:2 YCrCb for all standards
DDR 8-/10-bit 4:2:2 YCrCb for all standards
DDR 12-bit 4:4:4 RGB for graphics inputs
COMPOSITE AND S-VIDEO PROCESSING
Composite and S-Video processing features offer support for
NTSC M/J, NTSC 4.43, PAL B/D/I/G/H, PAL60, PAL M, PAL
N, and SECAM (B, D, G, K, and L) standards in the form of
CVBS and S-Video as well as super-adaptive, 2D, 5-line comb
filters for NTSC and PAL give superior chrominance and
luminance separation for composite video. They also include
full automatic detection and autoswitching of all worldwide
standards (PAL, NTSC, and SECAM) and automatic gain
control with white peak mode to ensure the video is always
processed without loss of the video processing range. Other
features are
Adaptive Digital Line Length Tracking (ADLLT™)
Proprietary architecture for locking to weak, noisy, and
unstable sources from VCRs and tuners
IF filter block to compensate for high frequency luma
attenuation due to tuner SAW filter
Chroma transient improvement (CTI)
Luminance digital noise reduction (DNR)
Color controls including hue, brightness, saturation,
contrast, and Cr and Cb offset controls
Certified Macrovision® copy protection detection on
composite and S-Video for all worldwide formats
(PAL/NTSC/SECAM)
4× oversampling (54 MHz) for CVBS, S-Video, and
YUV modes
Line-locked clock output (LLC)
Letterbox detection support
Free-run output mode to provide stable timing when no
video input is present
Vertical blanking interval data processor, including teletext,
video programming system (VPS), vertical interval time
codes (VITC), closed captioning (CC) and extended data
service (EDS), wide screen signaling (WSS), copy genera-
tion management system (CGMS), and compatibility with
GemStar™ 1×/2× electronic program guide
Clocked from a single 28.63636 MHz crystal
Subcarrier frequency lock (SFL) output for downstream
video encoder
Differential gain typically 0.5%
Differential phase typically 0.5°


Similar Part No. - ADV7181CBSTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7181 AD-ADV7181 Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181B AD-ADV7181B Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181BBCPZ AD-ADV7181BBCPZ Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181BBSTZ AD-ADV7181BBSTZ Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181BCP AD-ADV7181BCP Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
More results

Similar Description - ADV7181CBSTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com