Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5483IRGCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5483IRGCT
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5483IRGCT Datasheet(HTML) 3 Page - Texas Instruments

  ADS5483IRGCT Datasheet HTML 1Page - Texas Instruments ADS5483IRGCT Datasheet HTML 2Page - Texas Instruments ADS5483IRGCT Datasheet HTML 3Page - Texas Instruments ADS5483IRGCT Datasheet HTML 4Page - Texas Instruments ADS5483IRGCT Datasheet HTML 5Page - Texas Instruments ADS5483IRGCT Datasheet HTML 6Page - Texas Instruments ADS5483IRGCT Datasheet HTML 7Page - Texas Instruments ADS5483IRGCT Datasheet HTML 8Page - Texas Instruments ADS5483IRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
THERMAL CHARACTERISTICS
(1)
ADS5481
ADS5482
ADS5483
www.ti.com................................................................................................................................................... SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008
Over operating free-air temperature range, unless otherwise noted.
ADS5481, ADS5482, ADS5483
UNIT
AVDD5 to GND
6
V
Supply voltage
AVDD3 to GND
5
V
DVDD3 to GND
5
V
Valid when AVDD5 is within normal operating range. When AVDD5 is
off, analog inputs should be <0.5V. If not, the protection diode between
Analog input to
the inputs and AVDD5 will become forward-biased and could be
–0.3 to (AVDD5 + 0.3)
V
GND
damaged or shorten device lifetime (see Figure 60). Short transient
conditions during power on/off are not a concern.
Valid when AVDD3 is within normal operating range. When AVDD3 is
off, clock inputs should be <0.5V. If not, the protection diode between the
Clock input to GND inputs and AVDD3 will become forward-biased and could be damaged or
–0.3 to (AVDD3 + 0.3)
V
shorten device lifetime (see Figure 67). Short transient conditions during
power on/off are not a concern.
CLKP to CLKM
±2.5
V
Digital data output to GND
–0.3 to (DVDD3 + 0.3)
V
Digital data output plus-to-minus
±1
V
Operating temperature range
–40 to +85
°C
Maximum junction temperature
+150
°C
Storage temperature range
–65 to +150
°C
ESD, human-body model (HBM)
2
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied. Kirkendall voidings and current density information for calculation of expected lifetime are available upon
request.
PARAMETER
TEST CONDITIONS
TYP
UNIT
Soldered thermal pad, no airflow
20
RθJA
Soldered thermal pad, 150-LFM airflow
16
°C/W
RθJC
thermal resistance from the junction to the package case (top)
7
RθJP
thermal resistance from the junction to the thermal pad (bottom)
0.2
(1)
Using 49 thermal vias ( 7 × 7 array). See PowerPAD Package in the Application Information section.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS5481 ADS5482 ADS5483


Similar Part No. - ADS5483IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5483IRGCT TI-ADS5483IRGCT Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5483IRGCT TI-ADS5483IRGCT Datasheet
1Mb / 35P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5483IRGCTG4 TI-ADS5483IRGCTG4 Datasheet
1Mb / 35P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
More results

Similar Description - ADS5483IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5481 TI-ADS5481 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481_08 Datasheet
1Mb / 35P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com