Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV3002BSTZ-RL Datasheet(PDF) 5 Page - Analog Devices

Part # ADV3002BSTZ-RL
Description  4:1 HDMI/DVI Switch with Equalization, DDC/CEC Buffers and EDID Replication
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3002BSTZ-RL Datasheet(HTML) 5 Page - Analog Devices

  ADV3002BSTZ-RL Datasheet HTML 1Page - Analog Devices ADV3002BSTZ-RL Datasheet HTML 2Page - Analog Devices ADV3002BSTZ-RL Datasheet HTML 3Page - Analog Devices ADV3002BSTZ-RL Datasheet HTML 4Page - Analog Devices ADV3002BSTZ-RL Datasheet HTML 5Page - Analog Devices ADV3002BSTZ-RL Datasheet HTML 6Page - Analog Devices ADV3002BSTZ-RL Datasheet HTML 7Page - Analog Devices ADV3002BSTZ-RL Datasheet HTML 8Page - Analog Devices ADV3002BSTZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADV3002
Rev. 0 | Page 5 of 28
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
AVCC to AVEE
3.7 V
P5V_x
5.8 V
AMUXVCC
AVCC − 0.3 V < AMUXVCC < 5.8 V
Internal Power Dissipation
1.2 W
TMDS Single-Ended Input
Voltage
AVCC − 1.4 V < VIN < AVCC + 0.3 V
TMDS Differential Input
Voltage
2.0 V
Voltage at TMDS Output
VOUT < 3.7 V
DDC Input Voltage
AVEE − 0.3 V < VIN < AMUXVCC + 0.3 V
CEC Input Voltage
AVEE − 0.3 V < VIN < 4.0 V
I2C Logic Input Voltage
(EDID_SCL, EDID_SDA,
I2C_SCL, I2C_SDA)
AVEE − 0.3 V < VIN < 4.0 V
Parallel Input Voltage
(I2C_ADDR[1:0],
RESETB)
AVEE − 0.3 V < VIN < AMUXVCC + 0.3 V
Parallel Input Voltage
(SEL[1:0], TX_EN)
AVEE − 0.3V < VIN < AVCC + 0.3 V
Storage Temperature Range
−65°C to +125°C
Operating Temperature
Range
0°C to +85°C
Junction Temperature
150°C
ESD Protection (HBM) on
HDMI Input Pins
±8 kV
ESD Protection (HBM) on
All Other Pins
±2.5 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions: a device soldered
in a 4-layer JEDEC circuit board for surface-mount packages.
θJC is specified for the exposed pad soldered to the circuit board
with no airflow.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
80-Lead LQFP (ST-80-2)
51.3
15.3
°C/W
ESD CAUTION


Similar Part No. - ADV3002BSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3002BSTZ-RL AD-ADV3002BSTZ-RL Datasheet
681Kb / 28P
   4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
More results

Similar Description - ADV3002BSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3002 AD-ADV3002_12 Datasheet
681Kb / 28P
   4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
AD8192 AD-AD8192 Datasheet
975Kb / 28P
   2:1 HDMI/DVI Switch with Equalization and DDC/CEC Buffers
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191 Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197B AD-AD8197B Datasheet
804Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com