Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV3002BSTZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADV3002BSTZ
Description  4:1 HDMI/DVI Switch with Equalization, DDC/CEC Buffers and EDID Replication
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3002BSTZ Datasheet(HTML) 4 Page - Analog Devices

  ADV3002BSTZ Datasheet HTML 1Page - Analog Devices ADV3002BSTZ Datasheet HTML 2Page - Analog Devices ADV3002BSTZ Datasheet HTML 3Page - Analog Devices ADV3002BSTZ Datasheet HTML 4Page - Analog Devices ADV3002BSTZ Datasheet HTML 5Page - Analog Devices ADV3002BSTZ Datasheet HTML 6Page - Analog Devices ADV3002BSTZ Datasheet HTML 7Page - Analog Devices ADV3002BSTZ Datasheet HTML 8Page - Analog Devices ADV3002BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADV3002
Rev. 0 | Page 4 of 28
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Rise Time
10% to 90%, CLOAD = 1500 pF, RPULL-UP = 27 kΩ; or CLOAD = 7200 pF,
RPULL-UP = 3 kΩ
75
250
µs
Fall Time
90% to 10%, CLOAD = 1500 pF, RPULL-UP = 27 kΩ; or CLOAD = 7200 pF,
RPULL-UP = 3 kΩ
0.2
50
µs
Pull-Up Resistance
26
kΩ
Leakage
Off-leakage test conditions1
1.8
µA
HOT PLUG DETECT
Output Low Voltage, VOL
RPU = 800 Ω
0.25
0.4
V
1
Off leakage test conditions are described in the HDMI Compliance Test Specification 1.3c Section 8, Test ID 8-14. To measure CEC leakage, connect the CEC line to
3.63 V via 26 kΩ ± 5 % resistor with an ammeter in series and with the power mains disabled.
POWER SUPPLY AND CONTROL LOGIC SPECIFICATIONS
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
AVCC
Operating range (3.3 V ± 10%)
3.0
3.3
3.6
V
P5V_x
4.7
5
5.5
V
AMUXVCC
Output voltage, total load1 = 50 mA
4.0
5
5.5
V
QUIESCENT CURRENT
AVCC
Outputs disabled
40
60
mA
Outputs enabled
170
150
mA
P5V_x
Main power on
0.5
10
mA
Main power off
20
30
mA
AMUXVCC
Main power on
20
30
mA
Main power off
0.5
10
mA
POWER DISSIPATION
Outputs disabled
232
381
mW
Outputs enabled
661
885
mW
I2C® AND LOGIC INPUTS2
Input High Voltage, VIH
2.4
V
Input Low Voltage, VIL
1.0
V
I2C AND LOGIC OUTPUTS2
Output High Voltage, VOH
IOH = −2 mA
AVCC
V
Output Low Voltage, VOL
IOL = +2 mA
0.4
V
1
The total load current includes current drawn by the ADV3002 as well as external devices powered from the AMUXVCC supply.
2
The ADV3002 I2C control and logic input pins are listed as control in the Type column in Table 6. I2C pins are 5 V tolerant and based on the 3.3 V I2C bus specification.


Similar Part No. - ADV3002BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3002BSTZ AD-ADV3002BSTZ Datasheet
681Kb / 28P
   4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
ADV3002BSTZ-RL AD-ADV3002BSTZ-RL Datasheet
681Kb / 28P
   4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
More results

Similar Description - ADV3002BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3002 AD-ADV3002_12 Datasheet
681Kb / 28P
   4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
AD8192 AD-AD8192 Datasheet
975Kb / 28P
   2:1 HDMI/DVI Switch with Equalization and DDC/CEC Buffers
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191 Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197B AD-AD8197B Datasheet
804Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com