Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM6132 Datasheet(PDF) 10 Page - Analog Devices

Part # ADUM6132
Description  Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM6132 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUM6132 Datasheet HTML 6Page - Analog Devices ADUM6132 Datasheet HTML 7Page - Analog Devices ADUM6132 Datasheet HTML 8Page - Analog Devices ADUM6132 Datasheet HTML 9Page - Analog Devices ADUM6132 Datasheet HTML 10Page - Analog Devices ADUM6132 Datasheet HTML 11Page - Analog Devices ADUM6132 Datasheet HTML 12Page - Analog Devices ADUM6132 Datasheet HTML 13Page - Analog Devices ADUM6132 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADuM6132
Rev. 0 | Page 10 of 1
6
TERMINOLOGY
Channel-to-Channel Matching
Channel-to-channel matching with rising or falling matching
edge polarity is the magnitude of the propagation delay differ-
ence between two channels of the same part when the inputs
are both rising edges or both falling edges. The loads on each
channel are equal.
Channel-to-channel matching with rising vs. falling opposite
edge polarity is the magnitude of the propagation delay differ-
ence between two channels of the same part when one input is
a rising edge and one input is a falling edge. The loads on each
channel are equal.
Maximum Output Current
The maximum output current is the maximum isolated supply
current that the ADuM6132 can provide. This current supports
external loads as well as the needs of the ADuM6132 Channel A
output circuitry. This is achieved via external connection of the
VISO pin to the VDDA pin and of the GNDISO pin to the GNDA pin
(see Figure 16). The net current available to power external loads
is the ADuM6132 output current, IISO, minus the Channel A
supply current, IDDA.
Maximum Switching Frequency
The maximum switching frequency is the maximum signal
frequency at which the specified timing parameters are guar-
anteed. Operation beyond the maximum switching frequency
is not recommended, because high switching rates can cause
droop in the output supply voltage.
Minimum Pulse Width
The minimum pulse width is the shortest pulse width at which
the specified pulse width distortion is guaranteed. Operation
below the minimum pulse width is not recommended.
Part-to-Part Matching
Part-to-part matching is the magnitude of the propagation
delay difference between the same channels of two different
parts. This includes rising vs. rising edges, falling vs. falling
edges, or rising vs. falling edges. The supply voltages, temp-
eratures, and loads of each part are equal.
Propagation Delay
The propagation delay is the time that it takes a logic signal to
propagate through a component. The propagation delay to a
logic low output may differ from the propagation delay to a
logic high output.
The tPHL propagation delay is measured from the 50% level
of the falling edge of the VIA or VIB signal to the 50% level of
the falling edge of the VOA or VOB signal. The tPLH propagation
delay is measured from the 50% level of the rising edge of the
VIA or VIB signal to the 50% level of the rising edge of the VOA
or VOB signal.
Capacitive Load (CL)
The output capacitive load simulates a typical FET, IGBT, or
buffer for timing or current measurements. This load includes
all discrete and parasitic capacitive loads on the output.


Similar Part No. - ADUM6132

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6132 AD-ADUM6132 Datasheet
266Kb / 12P
   Isolated Half-Bridge Driver with Integrated Isolated High-Side Supply
Rev. PrG March 19, 2008
ADUM6132 AD-ADUM6132 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM6132 AD-ADUM6132 Datasheet
317Kb / 16P
   Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
Rev. B
ADUM6132ARWZ AD-ADUM6132ARWZ Datasheet
266Kb / 12P
   Isolated Half-Bridge Driver with Integrated Isolated High-Side Supply
Rev. PrG March 19, 2008
ADUM6132ARWZ AD-ADUM6132ARWZ Datasheet
317Kb / 16P
   Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
Rev. B
More results

Similar Description - ADUM6132

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6132 AD-ADUM6132_V01 Datasheet
317Kb / 16P
   Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
Rev. B
ADUM6132 AD-ADUM6132 Datasheet
266Kb / 12P
   Isolated Half-Bridge Driver with Integrated Isolated High-Side Supply
Rev. PrG March 19, 2008
ADUM5230 AD-ADUM5230 Datasheet
299Kb / 14P
   Isolated Half-Bridge Driver with Integrated High-Side Supply
REV. 0
ADUM5230 AD-ADUM5230_V01 Datasheet
770Kb / 15P
   Isolated Half-Bridge Driver with Integrated High-Side Supply
Rev. C
logo
ON Semiconductor
NCV57200 ONSEMI-NCV57200 Datasheet
310Kb / 11P
   Half Bridge Gate Driver(Isolated High & Non-Isolated Low)
December, 2019 ??Rev. 0
NCD57200 ONSEMI-NCD57200_V01 Datasheet
1Mb / 18P
   Half Bridge Gate Driver (Isolated High & Non- Isolated Low)
November, 2022 - Rev. 2
NCD57200 ONSEMI-NCD57200 Datasheet
735Kb / 18P
   Half Bridge Gate Driver (Isolated High & Non-Isolated Low)
July, 2020 ??Rev. 1
NCD57201 ONSEMI-NCD57201 Datasheet
674Kb / 18P
   Half Bridge Gate Driver (Isolated High & Non-Isolated Low)
January, 2021 ??Rev. 1
NCV57200 ONSEMI-NCV57200_V01 Datasheet
432Kb / 11P
   Half Bridge Gate Driver(Isolated High & Non- Isolated Low)
November, 2022 - Rev. 1
logo
M.S. Kennedy Corporatio...
MSK4900 MSK-MSK4900 Datasheet
409Kb / 6P
   600V ISOLATED HALF BRIDGE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com