Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1510 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUM1510
Description  5-Channel, Unidirectional Digital Isolator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1510 Datasheet(HTML) 1 Page - Analog Devices

  ADUM1510 Datasheet HTML 1Page - Analog Devices ADUM1510 Datasheet HTML 2Page - Analog Devices ADUM1510 Datasheet HTML 3Page - Analog Devices ADUM1510 Datasheet HTML 4Page - Analog Devices ADUM1510 Datasheet HTML 5Page - Analog Devices ADUM1510 Datasheet HTML 6Page - Analog Devices ADUM1510 Datasheet HTML 7Page - Analog Devices ADUM1510 Datasheet HTML 8Page - Analog Devices ADUM1510 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
5-Channel, Unidirectional Digital Isolator
ADuM1510
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2008 Analog Devices, Inc. All rights reserved.
FEATURES
RoHS compliant, 16-lead, wide body SOIC package
Low power operation: 5 V
1.3 mA per channel maximum @ 0 Mbps to 2 Mbps
3.3 mA per channel maximum @ 10 Mbps
High temperature operation: 105°C
Up to 10 Mbps data rate (NRZ)
Low default output state
Safety and regulatory approvals
UL recognition: 2500 V rms for 1 minute per UL 1577
APPLICATIONS
General-purpose, unidirectional, multichannel isolation
GENERAL DESCRIPTION
The ADuM15101 is a unidirectional, 5-channel isolator based
on the Analog Devices, Inc., iCoupler® technology. Combining
high speed CMOS and monolithic air core transformer technology,
these isolation components provide outstanding performance
characteristics superior to alternatives such as optocoupler devices.
By avoiding the use of LEDs and photodiodes, iCoupler devices
eliminate the design difficulties commonly associated with
optocouplers. The typical optocoupler concerns regarding
uncertain current transfer ratios, nonlinear transfer functions,
and temperature and lifetime effects are eliminated with the
simple iCoupler digital interfaces and stable performance
characteristics. The need for external drivers and other discrete
components is eliminated with iCoupler products. In addition,
iCoupler devices run at one-tenth to one-sixth the power
consumption of optocouplers at comparable signal data rates.
The ADuM1510 isolator provides five independent isolation
channels supporting data rates up to 10 Mbps. The ADuM1510
operates with the supply voltage of either side ranging from 4.5 V
to 5.5 V. Unlike other optocoupler alternatives, the ADuM1510
isolator has a patented refresh feature that ensures dc correctness in
the absence of input logic transitions and during power-up/
power-down conditions.
1 Protected by U.S. Patents 5,952,849, 6,873,065, and 7,075,329. Other patents
pending.
FUNCTIONAL BLOCK DIAGRAM
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
VIA
VIB
V
VDD2
GND2
VOA
VOB
V
1
16
IC
VID
VIE
GND1
OC
VOD
VOE
GND2
2
15
3
14
4
13
5
6
7
8
12
11
10
9
ADuM1510
Figure 1.


Similar Part No. - ADUM1510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1510 AD-ADUM1510 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1510 AD-ADUM1510 Datasheet
217Kb / 12P
   5-Channel, Unidirectional Digital Isolator
REV. B
ADUM1510BRWZ AD-ADUM1510BRWZ Datasheet
217Kb / 12P
   5-Channel, Unidirectional Digital Isolator
REV. B
More results

Similar Description - ADUM1510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1510BRWZ AD-ADUM1510BRWZ Datasheet
217Kb / 12P
   5-Channel, Unidirectional Digital Isolator
REV. B
ADUM7510 AD-ADUM7510 Datasheet
265Kb / 12P
   5-Channel, 1 kV Unidirectional Digital Isolator
REV. A
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
STISO620 STMICROELECTRONICS-STISO620 Datasheet
609Kb / 20P
   Dual channel digital isolator
Rev 2 - January 2023
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
logo
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
   Dual-Channel Digital Isolator
REV. C
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
logo
Analog Devices
ADUM1210 AD-ADUM1210_15 Datasheet
285Kb / 20P
   Dual-Channel Digital Isolator
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com