Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34712 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC34712
Description  3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34712 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC34712 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34712 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34712 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34712 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34712 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34712 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34712 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34712 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34712 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34712
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.0 V
≤ V
IN ≤ 6.0 V, - 40°C ≤ T
A ≤ 85°C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
BUCK CONVERTER (PVIN, SW, GND, BOOT)
Switching Node (SW) Rise Time(19)
(PVIN = 3.3 V, IOUT = ±3.0 A)
tRISE
-
14
-
ns
Switching Node (SW) Fall Time(19)
(PVIN = 3.3 V, IOUT = ±3.0 A)
tFALL
-
20
-
ns
Minimum OFF Time
tOFFMIN
-
150
-
ns
Minimum ON Time
tONMIN
-
100
-
ns
Soft Start Duration
(Normal Mode)
tSS
1.3
-
2.6
ms
Over-current Limit Timer
tLIM
-
10
-
ms
Over-current Limit Retry Timeout Period
tTIMEOUT
80
-
120
ms
Output Under-voltage/Over-voltage Filter Delay Timer
tFILTER
5.0
-
25
µs
OSCILLATOR (FREQ)
Oscillator Default Switching Frequency(18)
(FREQ = GND)
FSW
-
1.0
-
MHz
Oscillator Switching Frequency Range
FSW
200
-
1000
kHz
CONTROL AND SUPERVISORY (STBY, SD, PG)
PG Reset Delay
tPGRESET
8.0
-
12
ms
Thermal Shutdown Retry Time-out Period(19)
tTIMEOUT
80
-
120
ms
Notes
18.
Oscillator Frequency tolerance is ±10%.
19.
Design information only, this parameter is not production tested.


Similar Part No. - MC34712

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34712EP FREESCALE-MC34712EP Datasheet
477Kb / 23P
   3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
MC34712EPR2 FREESCALE-MC34712EPR2 Datasheet
477Kb / 23P
   3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
More results

Similar Description - MC34712

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
logo
NXP Semiconductors
KT34712UG NXP-KT34712UG Datasheet
2Mb / 16P
   Using the 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Rev. 4.0, 1/2009
logo
Freescale Semiconductor...
MC34717 FREESCALE-MC34717 Datasheet
778Kb / 28P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
MC34713 FREESCALE-MC34713 Datasheet
587Kb / 23P
   5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply
34717 FREESCALE-34717 Datasheet
651Kb / 25P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34717UG NXP-KT34717UG Datasheet
1Mb / 20P
   Using the 5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
Rev. 3.0, 1/2009
logo
Freescale Semiconductor...
MC34716 FREESCALE-MC34716 Datasheet
772Kb / 27P
   1.0 MHz Dual Switch-Mode DDR Power Supply
34716 FREESCALE-34716 Datasheet
664Kb / 25P
   1.0 MHz Dual Switch-Mode DDR Power Supply
34712 FREESCALE-34712 Datasheet
477Kb / 23P
   3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
logo
NXP Semiconductors
KT34716UG NXP-KT34716UG Datasheet
1,005Kb / 17P
   Using the 1.0 MHz Dual Switch-Mode DDR Power Supply
Rev. 3.0, 1/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com