Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4990 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4990
Description  1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4990 Datasheet HTML 1Page - STMicroelectronics TS4990 Datasheet HTML 2Page - STMicroelectronics TS4990 Datasheet HTML 3Page - STMicroelectronics TS4990 Datasheet HTML 4Page - STMicroelectronics TS4990 Datasheet HTML 5Page - STMicroelectronics TS4990 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
s OPERATING FROM V
CC = 2.2V to 5.5V
s 1W OUTPUT POWER @ Vcc=5V, THD=1%,
f=1kHz, with 8
Load
s ULTRA LOW CONSUMPTION IN STANDBY
MODE (10nA)
s 62dB PSRR @ 217Hz @ Grounded mode
s Zero POP & CLICK
s ULTRA LOW DISTORTION (0.1%)
s UNITY GAIN STABLE
s AVAILABLE IN 9 BUMPS Flip Chip Package
DESCRIPTION
The TS4990 has been designed for demanding
audio applications such as mobile phones and to
minimize the number of external components.
This Audio Power Amplifier is capable of deliver-
ing 1W of continuous RMS Ouput Power into an
8
load @ 5V.
An externally controlled standby mode control re-
duces the supply current to less than 10nA. It also
includes an internal thermal shutdown protection.
The unity-gain stable amplifier can be configured
by external gain setting resistors.
APPLICATIONS
s Mobile Phones (Cellular / Cordless)
s Laptop / Notebook Computers
s PDAs
s Portable Audio Devices
ORDER CODE
J = Flip Chip Package - only available in Tape & Reel (JT)
PIN CONNECTIONS (top view)
Part Number
Temperature
Range
Package
J
TS4990IJT
-40, +85°C
TYPICAL APPLICATION SCHEMATIC
TS4990JT - FLIP CHIP
STBY
Vin+
Vout1
Vin-
GND
GND
VCC
BYPASS
VOUT2
1
2
3
4
5
6
7
8
9
STBY
Vin+
Vout1
Vin-
GND
GND
VCC
BYPASS
VOUT2
1
2
3
4
5
6
7
8
9
Rfeed
Rin
Audio In
Cfeed
Bias
AV = -1
Vin-
Vin+
Bypass
Standby
Vout 1
Vout 2
+
-
+
-
7
5
1
3
6
2
TS4990
Vcc
Cin
Cs
Cb
Standby
Control
Speaker
8 Ohms
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW
STANDBY MODE
This is a preliminary information on a new product now in development. Details are subject to change without notice.
February 2003
ADVANCE DATA
TS4990


Similar Part No. - TS4990

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4990 STMICROELECTRONICS-TS4990 Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4990EIJT STMICROELECTRONICS-TS4990EIJT Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4990EKIJT STMICROELECTRONICS-TS4990EKIJT Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4990ID STMICROELECTRONICS-TS4990ID Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4990IDT STMICROELECTRONICS-TS4990IDT Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
More results

Similar Description - TS4990

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
   2 x 1W Stereo audio power amplifier with active low standby mode
January 2005 Revision 1
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
   RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4990 STMICROELECTRONICS-TS4990_08 Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
   1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
   1.2W Audio Power Amplifier with Standby Mode Active High
logo
Integrated Silicon Solu...
IS31AP4996 ISSI-IS31AP4996 Datasheet
348Kb / 10P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-HIGH STANDBY MODE
logo
STMicroelectronics
TS4902 STMICROELECTRONICS-TS4902 Datasheet
399Kb / 19P
   300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com