Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG854BCPZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG854BCPZ-REEL7
Description  0.5CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG854BCPZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG854BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG854BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG1517
Rev. 0 | Page 7 of 12
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100k
10k
1k
100
GND = 0V
VDD = 15V
TA = 25°C
FREQUENCY (Hz)
100M
10M
1M
Figure 9. Off Isolation vs. Frequency
–7
–6
–5
–4
–3
–2
–1
0
100k
10k
GND = 0V
VDD = 15V
TA = 25°C
FREQUENCY (Hz)
100M
10M
1M
Figure 10. On Response vs. Frequency
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 15V
GND = 0V
LOAD = 110Ω
VS = 2.5V p-p
VS = 5V p-p
VS = 7.5V p-p
Figure 11. THD + N vs. Frequency
–110
–90
–70
–50
–30
–10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VDD = 15V
GND = 0V
TA = 25°C
V p-p = 0.62V
NO DECOUPLING
CAPACITORS
DECOUPLING
CAPACITORS
ON SUPPLIES
Figure 12. ACPSRR vs. Frequency


Similar Part No. - ADG854BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG852 AD-ADG852 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG852BCPZ-R21 AD-ADG852BCPZ-R21 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG852BCPZ-REEL1 AD-ADG852BCPZ-REEL1 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG852BCPZ-REEL71 AD-ADG852BCPZ-REEL71 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
   0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
More results

Similar Description - ADG854BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG852 AD-ADG852 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG824 AD-ADG824 Datasheet
360Kb / 16P
   0.5 廓 CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
   0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
   Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com