Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORNTA4991ATF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ORNTA4991ATF
Description  Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ORNTA4991ATF Datasheet(HTML) 2 Page - Vishay Siliconix

  ORNTA4991ATF Datasheet HTML 1Page - Vishay Siliconix ORNTA4991ATF Datasheet HTML 2Page - Vishay Siliconix ORNTA4991ATF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ORN
Vishay Thin Film
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60005
16
Revision: 10-Aug-07
DIMENSIONS AND IMPRINTING in inches and millimeters
Notes
1. Leads are within 0.005" (0.13 mm) of true position
2. Leads coplanar to ± 0.004" (± 0.50 mm)
3. Marking - VISHAY Symbol, Part Number from Ordering Information
DERATING CURVE
100 % = 0.40 W
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated Nichrome
Body
Molded epoxy
Terminals
Copper Alloy, solderable
Solderability
Per MIL-PRF-83401
Marking Resistance to Solvents
Permanency testing per
MIL-PRF-83401
Lead (Pb)-free Option
100 % Sn Matte
Lead (Pb)-free Finish
Plated
I
Resistance
Value Code
Seating
Plane
A
B
C
E
H
G
F
ø
D
ORNA
x x x x
Date
Code
DIMENSION
INCHES
MM
A
0.157
3.99
B
0.0165 ± 0.0025
0.4 ± 0.06
C
0.050
1.27
D
0.195 Max.
4.93
E
0.008 ± 0.001
0.20 ± 0.03
F
0.028 ± 0.001
0.71 ± 0.02
G
0.239 ± 0.005
6.07 ± 0.13
H
0.068 Max.
1.73
I
0.008 ± 0.002
0.22 ± 0.06
Ø
2° to 6°
Ambient Temperature °C
0
70
125
150
0
20
40
60
80
100
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: ORNA1002AUF (preferred part number format)
GLOBAL MODEL
(3 or 4 digits)
SCHEMATIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
ORN
(Tin Lead)
ORNT
(Lead (Pb)-free)
(e3)
A = 4 isolated
equal resistors
The
first
3
digits
are
significant figures and the
last
digit
specifies
the
number of zeros to follow.
Example:
1002 = 10K
1003 = 100K
4991 = 4.99K
Abs. Tol.
A = ± 0.1 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1 %
*Q = ± 0.05 %
*Z = ± 0.1 %
Ratio
± 0.05 %
± 0.1 %
± 0.1 %
± 0.1 %
± 0.5 %
± 0.01 %
± 0.025 %
TAPE AND REEL
T0 = 100 Min 100 Mult
T1 = 1000 Min 1000 Mult
T3 = 300 Min 300 Mult
T5 = 500 Min 500 Mult
TF = Full Reel 3000
TS = 100 Min 1 Mult
UF = TUBED
* Tol. available 1K and up
Historical Part Number example: ORNA1001F (will continue to be accepted)
ORN
A
1001
F
SERIES
SCHEMATIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
NTA
1
0
0
3
Z
T
S
R
O
N
A
10
02
A
U
F
R
O


Similar Part No. - ORNTA4991ATF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ORNTA4991ATF VISHAY-ORNTA4991ATF Datasheet
100Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 02-Sep-11
More results

Similar Description - ORNTA4991ATF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NOMC VISHAY-NOMC_08 Datasheet
157Kb / 4P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 02-Oct-08
ORNA2-1 VISHAY-ORNA2-1 Datasheet
165Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision 25-Jan-02
ORNA VISHAY-ORNA Datasheet
133Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 16-Apr-08
OSOP VISHAY-OSOP Datasheet
97Kb / 2P
   Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
Revision 03-May-01
OSOP VISHAY-OSOP_07 Datasheet
173Kb / 3P
   Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
Revision: 07-Nov-07
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 02-Sep-11
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Revision: 25-Apr-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com