Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS487 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS487
Description  100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS487 Datasheet(HTML) 4 Page - STMicroelectronics

  TS487 Datasheet HTML 1Page - STMicroelectronics TS487 Datasheet HTML 2Page - STMicroelectronics TS487 Datasheet HTML 3Page - STMicroelectronics TS487 Datasheet HTML 4Page - STMicroelectronics TS487 Datasheet HTML 5Page - STMicroelectronics TS487 Datasheet HTML 6Page - STMicroelectronics TS487 Datasheet HTML 7Page - STMicroelectronics TS487 Datasheet HTML 8Page - STMicroelectronics TS487 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TS486-TS487
4/31
ELECTRICAL CHARACTERISTICS
VCC = +5V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
1.8
2.5
mA
ISTANDBY
Standby Current
No input signal, VSTANDBY=GND for TS486, RL=32Ω
No input signal, VSTANDBY=Vcc for TS487, RL=32Ω
10
1000
nA
VIO
Input Offset Voltage (VICM = VCC/2)
1mV
IIB
Input Bias Current (VICM = VCC/2)
1)
1. Only for external gain version.
90
200
nA
PO
Output Power
THD+N = 0.1% Max, F = 1kHz, RL = 32Ω
THD+N = 1% Max, F = 1kHz, RL = 32Ω
THD+N = 0.1% Max, F = 1kHz, RL = 16Ω
THD+N = 1% Max, F = 1kHz, RL = 16Ω
60
95
64
65
102
108
mW
THD + N
Total Harmonic Distortion + Noise (Av=-1)
RL = 32Ω, Pout = 60mW, 20Hz ≤ F ≤ 20kHz
RL = 16Ω, Pout = 90mW, 20Hz ≤ F ≤ 20kHz
0.3
0.3
%
PSRR
Power Supply Rejection Ratio, inputs grounded 2)
(Av=-1), RL>=16Ω, CB=1µF, F = 1kHz, Vripple = 200mVpp
2. Guaranteed by design and evaluation.
53
58
dB
IO
Max Output Current
THD +N
≤ 1%, R
L = 16Ω connected between out and VCC/2
106
115
mA
VO
Output Swing
VOL : RL = 32Ω
VOH : RL = 32Ω
VOL : RL = 16Ω
VOH : RL = 16Ω
4.45
4.2
0.45
4.52
0.6
4.35
0.5
0.7
V
SNR
Signal-to-Noise Ratio (A weighted, Av=-1)
2)
(RL = 32Ω, THD +N < 0.4%, 20Hz ≤ F ≤ 20kHz)
80
103
dB
Crosstalk
Channel Separation, RL = 32Ω, Av=-1
F = 1kHz
F = 20Hz to 20kHz
Channel Separation, RL = 16Ω, Av=-1
F = 1kHz
F = 20Hz to 20kHz
83
79
80
72
dB
CI
Input Capacitance
1
pF
GBP
Gain Bandwidth Product (RL = 32Ω)
1.1
MHz
SR
Slew Rate, Unity Gain Inverting (RL = 16Ω)
0.4
V/µs


Similar Part No. - TS487

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4871 STMICROELECTRONICS-TS4871 Datasheet
1Mb / 28P
   OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4871ID STMICROELECTRONICS-TS4871ID Datasheet
1Mb / 28P
   OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4871IDT STMICROELECTRONICS-TS4871IDT Datasheet
1Mb / 28P
   OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4871IQT STMICROELECTRONICS-TS4871IQT Datasheet
1Mb / 28P
   OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4871IST STMICROELECTRONICS-TS4871IST Datasheet
1Mb / 28P
   OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
More results

Similar Description - TS487

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS482 STMICROELECTRONICS-TS482 Datasheet
597Kb / 24P
   100mW STEREO HEADPHONE AMPLIFIER
TS482 STMICROELECTRONICS-TS482_05 Datasheet
608Kb / 26P
   100mW Stereo Headphone Amplifier
logo
Unisonic Technologies
S486 UTC-S486_15 Datasheet
266Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486_11 Datasheet
266Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486_17 Datasheet
242Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486 Datasheet
162Kb / 12P
   DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
Anpec Electronics Corop...
APA2178 ANPEC-APA2178 Datasheet
612Kb / 30P
   100mW Stereo Cap-Free Headphone Driver
logo
Anachip Corp
AP4809 ANACHIP-AP4809 Datasheet
234Kb / 9P
   Stereo Headphone Amplifier With Shutdown Mode
logo
SHANGHAI BELLING CO., L...
BL4863TS BELLING-BL4863TS Datasheet
433Kb / 11P
   Stereo headphone amplifier mode
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com