Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13212 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC13212
Description  ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13212 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC13212 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC13212 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
MC13211/212/213 Technical Data, Rev. 1.5
Freescale Semiconductor
11
37
NC
Not used
May be grounded or left open
38
PAO_P
RF Output
Modem power amplifier
RF output positive
Open drain. Connect to VDDA through a bias
network when used with external balun. Not used
when internal T/R switch is used.
39
PAO_M
RF Output
Modem power amplifier
RF output negative
Open drain. Connect to VDDA through a bias
network when used with external balun. Not used
when internal T/R switch is used.
40
SM
Input
Test Mode pin
Must be grounded for normal operation
41
GPIO41
Digital Input/
Output
General Purpose
Input/Output 4.
See Footnote 1
42
GPIO31
Digital
Input/Output
Modem General Purpose
Input/Output 3
See Footnote 1
43
GPIO2
Test Point
MCU Port E Bit 6 / Modem
General Purpose
Input/Output 2
Internally connected pins. When gpio_alt_en,
Register 9, Bit 7 = 1, GPIO2 functions as a “CRC
Valid” indicator.
44
GPIO1
Test Point
MCU Port E Bit 7 / Modem
General Purpose
Input/Output 1
Internally connected pins. When gpio_alt_en,
Register 9, Bit 7 = 1, GPIO1 functions as an “Out of
Idle” indicator.
45
VDD
Power Input
MCU main power supply
Decouple to ground.
46
ATTN2
Digital Input
Active Low Attention.
Transitions IC from either
Hibernate or Doze Modes
to Idle.
See Footnote 2
47
PTD2/TPM1CH2
Digital
Input/Output
MCU Port D Bit 2 / TPM1
Channel 2
48
PTD4/TPM2CH1
Digital
Input/Output
MCU Port D Bit 4 / TPM2
Channel 1
49
PTD5/TPM2CH2
Digital
Input/Output
MCU Port D Bit 5 / TPM2
Channel 2
50
PTD6/TPM2CH3
Digital
Input/Output
MCU Port D Bit 6 / TPM2
Channel 3
51
PTD7/TPM2CH4
Digital
Input/Output
MCU Port D Bit 7 / TPM2
Channel 4
52
PTB0/AD1P0
Input/Output
MCU Port B Bit 0 / ATD
analogChannel 0
53
PTB1/AD1P1
Input/Output
MCU Port B Bit 1 / ATD
analog Channel 1
54
PTB2/AD1P2
Input/Output
MCU Port B Bit 2 / ATD
analog Channel 2
55
PTB3/AD1P3
Input/Output
MCU Port B Bit 3 / ATD
analog Channel 3
Table 2. Pin Function Description (continued)
Pin #
Pin Name
Type
Description
Functionality


Similar Part No. - MC13212

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13212 FREESCALE-MC13212 Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13212 FREESCALE-MC13212 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13212 FREESCALE-MC13212 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC13212 NXP-MC13212 Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13212R2 FREESCALE-MC13212R2 Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
More results

Similar Description - MC13212

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com