Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9783BCPZRL Datasheet(PDF) 8 Page - Analog Devices

Part # AD9783BCPZRL
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9783BCPZRL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9783BCPZRL Datasheet HTML 4Page - Analog Devices AD9783BCPZRL Datasheet HTML 5Page - Analog Devices AD9783BCPZRL Datasheet HTML 6Page - Analog Devices AD9783BCPZRL Datasheet HTML 7Page - Analog Devices AD9783BCPZRL Datasheet HTML 8Page - Analog Devices AD9783BCPZRL Datasheet HTML 9Page - Analog Devices AD9783BCPZRL Datasheet HTML 10Page - Analog Devices AD9783BCPZRL Datasheet HTML 11Page - Analog Devices AD9783BCPZRL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 8 of 36
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CVDD18
CVSS
CLKP
CLKN
CVSS
CVDD18
DVSS
DVDD18
D15P
D15N
D14P
D14N
D13P
D13N
D12P
D12N
17
D11P
18
D11N
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
FS ADJ
RESET
CSB
SCLK
SDIO
SDO
DVSS
DVDD18
D0N
D0P
D1N
D1P
D2N
D2P
D3N
D3P
D4N
D4P
PIN 1
INDICATOR
AD9783
(TOP VIEW)
NOTES
1. EXPOSED PAD MUST BE
SOLDERED TO PCB AND
CONNECTED TO AVSS.
Figure 4. AD9783 Pin Configuration
Table 8. AD9783 Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 6
CVDD18
Clock Supply Voltage (1.8 V).
2, 5
CVSS
Clock Supply Return.
3, 4
CLKP, CLKN
Differential DAC Sampling Clock Input.
7, 28, 48
DVSS
Digital Common.
8, 47
DVDD18
Digital Supply Voltage (1.8 V).
9 to 24, 31 to 46
D15P, D15N to D0P, D0N
LVDS Data Inputs. D15 is the MSB, D0 is the LSB.
25, 26
DCOP, DCON
Differential Data Clock Output. LVDS clock at the DAC sample rate.
27
DVDD33
Digital Input and Output Pad Ring Supply Voltage (3.3 V).
29, 30
DCIP, DCIN
Differential Data Clock Input. LVDS clock aligned with input data.
49
SDO
Serial Port Data Output.
50
SDIO
Serial Port Data Input (4-Wire Mode) or Bidirectional Serial Data Line (3-Wire Mode).
51
SCLK
Serial Port Clock Input.
52
CSB
Serial Port Chip Select (Active Low).
53
RESET
Chip Reset (Active High).
54
FS ADJ
Full-Scale Current Output Adjust.
55
REFIO
Analog Reference Input/Output (1.2 V Nominal).
56, 57, 71, 72
AVDD33
Analog Supply Voltage (3.3 V).
58, 61, 64, 67, 70
AVSS
Analog Common.
59
IOUT2P
DAC Current Output. Full-scale current is sourced when all data bits are 1s.
60
IOUT2N
Complementary DAC Current Output. Full-scale current is sourced when all data bits are 0s.
62, 63
AUX2P, AUX2N
Differential Auxiliary DAC Current Output (Channel 2).
65, 66
AUX1N, AUX1P
Differential Auxiliary DAC Current Output (Channel 1).
68
IOUT1N
Complementary DAC Current Output. Full-scale current is sourced when all data bits are 0s.
69
IOUT1P
DAC Current Output. Full-scale current is sourced when all data bits are 1s.
Heat Sink Pad
N/A
The heat sink pad on the bottom of the package should be soldered to the PCB plane that
carries AVSS.


Similar Part No. - AD9783BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9783BCPZRL AD-AD9783BCPZRL Datasheet
622Kb / 32P
   LVDS Interface, 500 MSPS DACs
More results

Similar Description - AD9783BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9783 AD-AD9783_15 Datasheet
937Kb / 32P
   Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9780 AD-AD9780_15 Datasheet
937Kb / 32P
   Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9781 AD-AD9781_15 Datasheet
937Kb / 32P
   Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
   LVDS Interface, 500 MSPS DACs
AD9734 AD-AD9734_15 Datasheet
1Mb / 72P
   10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9736 AD-AD9736_15 Datasheet
1Mb / 72P
   10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9734 AD-AD9734_06 Datasheet
1Mb / 72P
   10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9735 AD-AD9735_15 Datasheet
1Mb / 72P
   10-/12-/14-Bit, 1200 MSPS DACS
REV. A
logo
Linear Technology
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com