Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9783BCPZRL Datasheet(PDF) 5 Page - Analog Devices

Part # AD9783BCPZRL
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9783BCPZRL Datasheet(HTML) 5 Page - Analog Devices

  AD9783BCPZRL Datasheet HTML 1Page - Analog Devices AD9783BCPZRL Datasheet HTML 2Page - Analog Devices AD9783BCPZRL Datasheet HTML 3Page - Analog Devices AD9783BCPZRL Datasheet HTML 4Page - Analog Devices AD9783BCPZRL Datasheet HTML 5Page - Analog Devices AD9783BCPZRL Datasheet HTML 6Page - Analog Devices AD9783BCPZRL Datasheet HTML 7Page - Analog Devices AD9783BCPZRL Datasheet HTML 8Page - Analog Devices AD9783BCPZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 5 of 36
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 4.
Thermal resistance is tested using a JEDEC standard 4-layer
thermal test board with no airflow.
Parameter
With
Respect to
Rating
AVDD33, DVDD33
AGND, DGND, CGND
−0.3 V to +3.6 V
DVDD18, CVDD18
AGND, DGND, CGND
−0.3 V to +1.98 V
AGND
DGND, CGND
−0.3 V to +0.3 V
DGND
AGND, CGND
−0.3 V to +0.3 V
CGND
AGND, DGND
−0.3 V to +0.3 V
REFIO
AGND
−0.3 V to
AVDD33 + 0.3 V
IOUT1P, IOUT1N,
IOUT2P, IOUT2N,
AUX1P, AUX1N,
AUX2P, AUX2N
AGND
−1.0 V to
AVDD33 + 0.3 V
D15 to D0
DGND
−0.3 V to
DVDD33 + 0.3 V
CLKP, CLKN
CGND
−0.3 V to
CVDD18 + 0.3 V
CSB, SCLK, SDIO, SDO
DGND
–0.3 V to
DVDD33 + 0.3 V
Junction Temperature
+125°C
Storage Temperature
−65°C to +150°C
Table 5.
Package Type
θJA
Unit
CP-72-1 (Exposed Pad Soldered to PCB)
25
°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD9783BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9783BCPZRL AD-AD9783BCPZRL Datasheet
622Kb / 32P
   LVDS Interface, 500 MSPS DACs
More results

Similar Description - AD9783BCPZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9783 AD-AD9783_15 Datasheet
937Kb / 32P
   Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9780 AD-AD9780_15 Datasheet
937Kb / 32P
   Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9781 AD-AD9781_15 Datasheet
937Kb / 32P
   Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
   LVDS Interface, 500 MSPS DACs
AD9734 AD-AD9734_15 Datasheet
1Mb / 72P
   10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9736 AD-AD9736_15 Datasheet
1Mb / 72P
   10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9734 AD-AD9734_06 Datasheet
1Mb / 72P
   10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9735 AD-AD9735_15 Datasheet
1Mb / 72P
   10-/12-/14-Bit, 1200 MSPS DACS
REV. A
logo
Linear Technology
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com