Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9RS08LE4 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC9RS08LE4
Description  MCU Block Diagram
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9RS08LE4 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC9RS08LE4 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9RS08LE4 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9RS08LE4 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9RS08LE4 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9RS08LE4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9RS08LE4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9RS08LE4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9RS08LE4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9RS08LE4 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MC9RS08LE4
Rev. 2, 11/2008
© Freescale Semiconductor, Inc., 2008. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MC9RS08LE4
Features:
• 8-Bit RS08 Central Processor Unit (CPU)
– Up to 20 MHz CPU at 2.7 V to 5.5 V across temperature
range of –40°C to 85°C
– Subset of HC08 instruction set with added BGND
instructions
•On-Chip Memory
– 4 KB flash memory read/program/erase over full
operating voltage and temperature
– 256-byte random-access memory (RAM)
– Security circuitry to prevent unauthorized access to flash
memory contents
• Power-Saving Modes
– Wait and stop
• Clock Source Options
– Oscillator (XOSC) — Loop-control Pierce oscillator;
crystal or ceramic resonator range of 31.25 kHz to
39.0625 kHz or 1 MHz to 20 MHz
– Internal Clock Source (ICS) — Internal clock source
module containing a frequency-locked-loop (FLL)
controlled by internal or external reference; precision
trimming of internal reference allows 0.2% resolution
and 2% deviation over temperature and voltage;
supports bus frequencies up to 10 MHz
• System Protection
– Watchdog computer operating properly (COP) reset
with option to run from dedicated 1 kHz internal clock
source or bus clock
– Low-voltage detection with reset or interrupt
– Selectable trip points
– Illegal opcode detection with reset
– Illegal address detection with reset
– Flash memory block protection
• Development Support
– Single-wire background debug interface
– Breakpoint capability to allow single breakpoint setting
during in-circuit debugging
• Peripherals
– LCD — Up to 8
× 14 or 4 × 18 segments; compatible
with 5 V or 3 V LCD glass displays using on-chip
resistor bias network; functional in wait, stop modes for
very low power LCD operation; frontplane and
backplane pins multiplexed with GPIO functions;
selectable frontplane and backplane configurations
– ADC — 8-channel, 10-bit resolution; 2.5
μs conversion
time; automatic compare function; 1.7 mV/
°C
temperature sensor; internal bandgap reference channel;
operation in stop; fully functional from 2.7 V to 5.5 V.
– TPM — Two 2-channel 16-bit timer/pulse-width
modulator (TPM) modules; selectable input capture,
output compare, or buffered edge- or center-aligned
PWM on each channel
– SCI — One serial communications interface module
with optional 13-bit break; LIN extensions
– KBI — 8-pin keyborad interrupt module
• Input/Output
– 26 GPIOs including 1 output-only pin and 1 input-only
pin
– Hysteresis and configurable pullup device on all input
pins; configurable slew rate and drive strength on all
output pins
• Package Options
– 28-pin SOIC
MC9RS08LE4
28 W-SOIC
Case 751F
TBD


Similar Part No. - MC9RS08LE4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9RS08LE4 FREESCALE-MC9RS08LE4 Datasheet
528Kb / 28P
   MCU Block Diagram
logo
NXP Semiconductors
MC9RS08LE4 NXP-MC9RS08LE4 Datasheet
640Kb / 28P
   8-Bit RS08 Central Processor Unit (CPU)
Rev. 3, 12/2009
logo
Freescale Semiconductor...
MC9RS08LE4CWL FREESCALE-MC9RS08LE4CWL Datasheet
528Kb / 28P
   Up to 20 MHz CPU at 2.7 V to 5.5 V across temperature range of ??0째C to 85째C
MC9RS08LE4WL FREESCALE-MC9RS08LE4WL Datasheet
528Kb / 28P
   MCU Block Diagram
MC9RS08LE4 FREESCALE-MC9RS08LE4_09 Datasheet
528Kb / 28P
   MCU Block Diagram
More results

Similar Description - MC9RS08LE4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9RS08LE4 FREESCALE-MC9RS08LE4_09 Datasheet
528Kb / 28P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8_08 Datasheet
952Kb / 42P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8 Datasheet
896Kb / 40P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8_09 Datasheet
955Kb / 42P
   MCU Block Diagram
MC9RS08KB12 FREESCALE-MC9RS08KB12 Datasheet
853Kb / 48P
   MCU Block Diagram
MC9RS08LA8 FREESCALE-MC9RS08LA8 Datasheet
1,002Kb / 34P
   MCU Block Diagram
logo
TriQuint Semiconductor
TQ5M31K TRIQUINT-TQ5M31K Datasheet
2Mb / 15P
   BLOCK DIAGRAM
logo
List of Unclassifed Man...
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
AM186EM ETC-AM186EM Datasheet
15Kb / 1P
   MICROCONTROLLER BLOCK DIAGRAM
A10 ETC2-A10 Datasheet
2Mb / 81P
   Functional Block Diagram
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com