Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9522-5BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9522-5BCPZ
Description  12 LVDS/24 CMOS Output Clock Generator
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9522-5BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9522-5BCPZ Datasheet HTML 6Page - Analog Devices AD9522-5BCPZ Datasheet HTML 7Page - Analog Devices AD9522-5BCPZ Datasheet HTML 8Page - Analog Devices AD9522-5BCPZ Datasheet HTML 9Page - Analog Devices AD9522-5BCPZ Datasheet HTML 10Page - Analog Devices AD9522-5BCPZ Datasheet HTML 11Page - Analog Devices AD9522-5BCPZ Datasheet HTML 12Page - Analog Devices AD9522-5BCPZ Datasheet HTML 13Page - Analog Devices AD9522-5BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
AD9522-5
Rev. 0 | Page 10 of 76
CLOCK OUTPUT ABSOLUTE TIME JITTER (CLOCK GENERATION USING EXTERNAL VCXO)
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS OUTPUT ABSOLUTE TIME JITTER
Application example based on a typical setup using an
external 245.76 MHz VCXO (Toyocom TCO-2112);
reference = 15.36 MHz; R DIV = 1
LVDS = 245.76 MHz; PLL LBW = 125 Hz
87
fs rms
Integration bandwidth = 200 kHz to 5 MHz
108
fs rms
Integration bandwidth = 200 kHz to 10 MHz
146
fs rms
Integration bandwidth = 12 kHz to 20 MHz
LVDS = 122.88 MHz; PLL LBW = 125 Hz
120
fs rms
Integration bandwidth = 200 kHz to 5 MHz
151
fs rms
Integration bandwidth = 200 kHz to 10 MHz
207
fs rms
Integration bandwidth = 12 kHz to 20 MHz
LVDS = 61.44 MHz; PLL LBW = 125 Hz
157
fs rms
Integration bandwidth = 200 kHz to 5 MHz
210
fs rms
Integration bandwidth = 200 kHz to 10 MHz
295
fs rms
Integration bandwidth = 12 kHz to 20 MHz
CLOCK OUTPUT ADDITIVE TIME JITTER (VCO DIVIDER NOT USED)
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL and
VCO; measured at rising edge of clock signal
CLK = 622.08 MHz
69
fs rms
Integration bandwidth = 12 kHz to 20 MHz
Any LVDS Output = 622.08 MHz
Divide Ratio = 1
CLK = 622.08 MHz
116
fs rms
Integration bandwidth = 12 kHz to 20 MHz
Any LVDS Output = 155.52 MHz
Divide Ratio = 4
CLK = 100 MHz
263
fs rms
Calculated from SNR of ADC method
Any LVDS Output = 100 MHz
Broadband jitter
Divide Ratio = 1
CLK = 500 MHz
242
fs rms
Calculated from SNR of ADC method
Any LVDS Output = 100 MHz
Broadband jitter
Divide Ratio = 5
CMOS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL and VCO
CLK = 200 MHz
289
fs rms
Calculated from SNR of ADC method
Any CMOS Output Pair = 100 MHz
Broadband jitter
Divide Ratio = 2


Similar Part No. - AD9522-5BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9522-5BCPZ AD-AD9522-5BCPZ Datasheet
1Mb / 74P
   12 LVDS/24 CMOS Output Clock Generator
AD9522-5BCPZ-REEL7 AD-AD9522-5BCPZ-REEL7 Datasheet
1Mb / 74P
   12 LVDS/24 CMOS Output Clock Generator
More results

Similar Description - AD9522-5BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9522-5 AD-AD9522-5_15 Datasheet
1Mb / 74P
   12 LVDS/24 CMOS Output Clock Generator
AD9522-0 AD-AD9522-0_15 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator
AD9520-1 AD-AD9520-1_16 Datasheet
1Mb / 80P
   12 LVPECL/24 CMOS Output Clock Generator
AD9520-0 AD-AD9520-0_16 Datasheet
1Mb / 80P
   12 LVPECL/24 CMOS Output Clock Generator
AD9520-5 AD-AD9520-5 Datasheet
1Mb / 80P
   12 LVPECL/24 CMOS Output Clock Generator
REV. 0
AD9520-4 AD-AD9520-4_16 Datasheet
1Mb / 80P
   12 LVPECL/24 CMOS Output Clock Generator
AD9520-3 AD-AD9520-3_16 Datasheet
1Mb / 80P
   12 LVPECL/24 CMOS Output Clock Generator
AD9520-5 AD-AD9520-5_16 Datasheet
1Mb / 74P
   12 LVPECL/24 CMOS Output Clock Generator
AD9520-2 AD-AD9520-2_16 Datasheet
1Mb / 80P
   12 LVPECL/24 CMOS Output Clock Generator
AD9522-4 AD-AD9522-4 Datasheet
1Mb / 84P
   12 LVDS/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com