Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M8340106M3302JG Datasheet(PDF) 4 Page - Vishay Siliconix

Part # M8340106M3302JG
Description  Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M8340106M3302JG Datasheet(HTML) 4 Page - Vishay Siliconix

  M8340106M3302JG Datasheet HTML 1Page - Vishay Siliconix M8340106M3302JG Datasheet HTML 2Page - Vishay Siliconix M8340106M3302JG Datasheet HTML 3Page - Vishay Siliconix M8340106M3302JG Datasheet HTML 4Page - Vishay Siliconix M8340106M3302JG Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 31514
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 25-Jul-08
4
MSM (Military M83401)
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified,
Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Vishay Dale
CIRCUIT APPLICATIONS
01 Schematic
5, 7 or 9 resistors with one pin common
“A” Profile
“C” Profile
MSM06A01 (M8340107xxxxxxC)
MSM06C01 (M8340104xxxxxxC)
MSM08A01 (M8340108xxxxxxC)
MSM08C01 (M8340105xxxxxxC)
MSM10A01 (M8340109xxxxxxC)
MSM10C01 (M8340106xxxxxxC)
The MSM06A01, MSM08A01, MSM10A01, MSM06C01, MSM08C01 and
MSM10C01 molded single-in-line resistor networks provide the user with a
choice of 5, 7 or 9 nominally equal resistors, each connected to a common
pin (Pin No. 1).
Commonly used in the following applications:
• “Wired OR” Pull-up
• Open Collector Pull-up
• Power Gate Pull-up
• TTL Input Pull-down
• MOS/ROM Pull-up/Pull-down
• TTL Unused Gate Pull-up
03 Schematic
3, 4 or 5 isolated resistors
“A” Profile
“C” Profile
MSM06A03 (M8340107xxxxxxG)
MSM06C03 (M8340104xxxxxxG)
MSM08A03 (M8340108xxxxxxG)
MSM08C03 (M8340105xxxxxxG)
MSM10A03 (M8340109xxxxxxG)
MSM10C03 (M8340106xxxxxxG)
The MSM06A03, MSM08A03, MSM10A03, MSM06C03, MSM08C03 and
MSM10C03 molded single-in-line resistor networks provide the user with a
choice of 3, 4 or 5 nominally equal resistors. Each resistor is isolated from all
others.
Commonly used in the following applications:
• “Wired OR” Pull-up
• Long-Line Impedance Balance
• Power Driven Pull-up
• LED Current Limiting
• Power Gate Pull-up
• ECL Output Pull-down
• Line Termination
• TTL Input Pull-down
05 Schematic
4, 6 or 8 isolated resistors
“A” Profile
“C” Profile
MSM06A05 (M8340107xxxxxxH)
MSM06C05 (M8340104xxxxxxH)
MSM08A05 (M8340108xxxxxxH)
MSM08C05 (M8340105xxxxxxH)
MSM10A05 (M8340109xxxxxxH)
MSM10C05 (M8340106xxxxxxH)
The MSM06A05, MSM08A05, MSM10A05, MSM06C05, MSM08C05
and MSM10C05 molded single-in-line resistor networks provide the
user with a choice of 4, 6 or 8 pair of R1/R2 resistor values for pulse
squaring and TTL dual-line terminating requirements.
PERFORMANCE
TEST
CONDITIONS
MAX.
ΔR (Typical Test Lots)
Power Conditioning
1.5 x rated power, applied 1.5 h “ON” and 0.5 h “OFF” for 100 h ± 4 h
at + 25 °C ambient temperature
± 0.50 %
ΔR
Thermal Shock
5 cycles between - 65 °C and + 125 °C
± 0.50 %
ΔR
Short Time Overload
2.5 x rated working voltage for 5 s
± 0.25 %
ΔR (Characteristic K)
± 0.50 %
ΔR (Characteristic M)
Low Temperature Operation
45 min at full rated working voltage at - 65 °C
± 0.25 %
ΔR (Characteristic K)
± 0.50 %
ΔR (Characteristic M)
Moisture Resistance
240 h with humidity ranging from 80 % RH to 98 % RH
± 0.50 %
ΔR
Resistance to Soldering Heat
Leads immersed in + 260 °C solder to within 1/16" of body for 10 s
± 0.25 %
ΔR
Shock
Total of 18 shocks at 100 G's
± 0.25 %
ΔR
Vibration
12 h at maximum of 20 G's between 10 and 2000 Hz
± 0.25 %
ΔR
Load Life
1000 h at + 70 °C, rated power applied 1.5 h “ON”,
0.5 h “OFF” for full 1000 h period
± 0.50 %
ΔR (Characteristic K)
± 2.00 %
ΔR (Characteristic M)
Terminal Strength
4 1/2 pound pull for 30 s
± 0.25 %
ΔR
Insulation Resistance
10 000 M
Ω (minimum)
-
Dielectric Withstanding
No evidence of arcing or damage (200 VRMS for 1 min)
-
1
2
3
n-1
n
1
2 3
4
n-1
n
1
2
3
n-1
n
R
2
R
1


Similar Part No. - M8340106M3302JG

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
M8340101H1001BA IRCTT-M8340101H1001BA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340101H1001BB IRCTT-M8340101H1001BB Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340101H1001DA IRCTT-M8340101H1001DA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340101H1001DB IRCTT-M8340101H1001DB Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
M8340101H1001FA IRCTT-M8340101H1001FA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
More results

Similar Description - M8340106M3302JG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDM VISHAY-MDM Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
M8340109K2201GCD03 VISHAY-M8340109K2201GCD03 Datasheet
98Kb / 6P
   Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ040 to RZ090, Single-In-Line, Molded SIP
Revision: 26-Feb-13
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
DFM VISHAY-DFM Datasheet
128Kb / 5P
   Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ030, Schematics A (11), B (12), J (15)
Revision: 08-Jul-08
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com