Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y1754120R500A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Y1754120R500A
Description  Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1754120R500A Datasheet(HTML) 3 Page - Vishay Siliconix

  Y1754120R500A Datasheet HTML 1Page - Vishay Siliconix Y1754120R500A Datasheet HTML 2Page - Vishay Siliconix Y1754120R500A Datasheet HTML 3Page - Vishay Siliconix Y1754120R500A Datasheet HTML 4Page - Vishay Siliconix Y1754120R500A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 63120
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 17-Jun-08
3
HZ Series (Z-Foil)
Hermetically Sealed Ultra High Precision Z-Foil
Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance
of ± 0.001 % and Load Life Stability of ± 0.005 %
Vishay Foil Resistors
Notes
1. Upper end of resistance range varies with model selected (i.e. VHP202Z; the range is to 100 k
Ω; VHA518-10Z, the range is to 1.0 MΩ) per
Table 2
2. Not to exceed power rating of resistor
3. Insulating sleeve - a special case insulating plastic sleeve is available on VHAZ models - specify letter “P” as a suffix to model number
(i.e. VHA412ZP)
4. 0.200" (5.08 mm) lead spacing available - specify VHP202ZJ
5. Inductance (L) due mainly to the leads
6. The resolution limit of existing test equipment (within measurement capability of the equipment, or “essentially zero”)
7. µV/° relates to EMF due to lead temperature difference and µV/watt due to power applied to the resistor
8. Load life
ΔR max. can be reduced through in-house oriented processes
FIGURE 4 - STANDARD IMPRINTING AND DIMENSIONS
LS
Model
Number
VISHAY
XXXX
VHP202Z
ST
H
L
Date Code
W
Front View
Rear View
Lead Material
#22 AWG Round
Solder Coated Copper
Resistance
Value Code
Tolerance
Serial No.
100R01
0.01%
XXXX
06
Week
07
Year
LL
Lead Material #22 AWG
Round Solder Coated Copper
Tolerance
Model No.
Resistance
Value Code
Date Code
10
Week
07
Year
VISHAY
XXXX
VHA412Z
100R01 0.005%
D
LLL
TABLE 3 - “H” SERIES SPECIFICATIONS
Stability8)
Load life at 2000 h
± 0.002 % maximum
ΔR at 0.1 W per chip and at + 60 °C
Shelf life
± 2 ppm (0.0002 %) after at least 10 years
Current Noise
< 0.010 µV (RMS)/V of applied voltage (- 40 dB)
High Frequency Operation
Rise time
1.0 ns without ringing
Inductance (L)5)
0.1 µH maximum; 0.08 µH typical
Capacitance (C)
1.0 pF maximum; 0.5 pF typical
Voltage Coefficient
< 0.1 ppm/V6)
Thermal EMF7)
0.1 µV/°C maximum; 0.05 µV/°C typical; 1 µV/W maximum
Hermeticity
10-7 atmospheric cc/s maximum


Similar Part No. - Y1754120R500A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Y1757 ETC-Y1757 Datasheet
27Kb / 1P
   DIE SET ENVELOPE DRAWING
More results

Similar Description - Y1754120R500A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
VSM VISHAY-VSM Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com