Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORNTA4991DT1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ORNTA4991DT1
Description  Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ORNTA4991DT1 Datasheet(HTML) 1 Page - Vishay Siliconix

  ORNTA4991DT1 Datasheet HTML 1Page - Vishay Siliconix ORNTA4991DT1 Datasheet HTML 2Page - Vishay Siliconix ORNTA4991DT1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ORN
Vishay Thin Film
Document Number: 60005
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 10-Aug-07
15
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
ORN series resistor networks feature four isolated resistors
with standard 50 mil pitch lead spacing. The networks
feature close TCR tracking and tight ratio tolerance and are
ideally suited for unity gain operational amplifier circuitry.
The standard resistance offering listed are available for
immediate delivery.
SCHEMATIC
FEATURES
• Lead (Pb)-free available
• 0.068" (1.73 mm) maximum seated height
• Rugged molded case construction with no
internal solder
• Thin film passivity Microbe element
• Low temperature coefficient (± 25 ppm/°C)
• JEDEC MS-012 STD Package
TYPICAL PERFORMANCE
Consult factory for additional values
* Pb containing terminations are not RoHS compliant, exemptions may apply
Actual Size
12
3
4
8
765
R1
R1
R1
R1
ABS
TRACKING
TCR
25
5
ABS
RATIO
TOL
0.1
0.05
STANDARD RESISTANCE OFFERING (R1 =)
500
Ω
10 k
Ω
1 k
Ω
20 k
Ω
2 k
Ω
50 k
Ω
4.99 k
Ω
100 k
Ω
5 k
Ω
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated Nichrome
TCR:
Tracking
± 5 ppm/°C
- 55 °C to + 125 °C
Absolute
± 25 ppm/°C
- 55 °C to + 125 °C
Tolerance:
Ratio
± 0.5 % to ± 0.01 %
+ 25 °C
Absolute
± 1.0 % to ± 0.05 %
+ 25 °C
Power Rating:
Resistor
100 mW
Max. at + 70 °C
Package
400 mW
Max. at + 70 °C
Stability:
ΔR Absolute
500 ppm
2000 h at + 70 °C
ΔR Ratio
150 ppm
2000 h at + 70 °C
Voltage Coefficient
0.1 ppm/V typical
Working Voltage
50 V
Operating Temperature Range
- 55 °C to + 125 °C
Storage Temperature Range
- 55 °C to + 150 °C
Noise
< - 30 dB
Thermal EMF
0.08 µV/°C
Shelf Life Stability:
Absolute
100 ppm
1 year at + 25 °C
Ratio
20 ppm
1 year at + 25 °C
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - ORNTA4991DT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ORNTA4991DT1 VISHAY-ORNTA4991DT1 Datasheet
100Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 02-Sep-11
More results

Similar Description - ORNTA4991DT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NOMC VISHAY-NOMC_08 Datasheet
157Kb / 4P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 02-Oct-08
ORNA2-1 VISHAY-ORNA2-1 Datasheet
165Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision 25-Jan-02
ORNA VISHAY-ORNA Datasheet
133Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 16-Apr-08
OSOP VISHAY-OSOP Datasheet
97Kb / 2P
   Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
Revision 03-May-01
OSOP VISHAY-OSOP_07 Datasheet
173Kb / 3P
   Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
Revision: 07-Nov-07
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 02-Sep-11
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Revision: 25-Apr-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com