Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9239-250KITZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9239-250KITZ
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239-250KITZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9239-250KITZ Datasheet HTML 5Page - Analog Devices AD9239-250KITZ Datasheet HTML 6Page - Analog Devices AD9239-250KITZ Datasheet HTML 7Page - Analog Devices AD9239-250KITZ Datasheet HTML 8Page - Analog Devices AD9239-250KITZ Datasheet HTML 9Page - Analog Devices AD9239-250KITZ Datasheet HTML 10Page - Analog Devices AD9239-250KITZ Datasheet HTML 11Page - Analog Devices AD9239-250KITZ Datasheet HTML 12Page - Analog Devices AD9239-250KITZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD9239
Rev. 0 | Page 9 of
40
PIN CONFIGURATION AND FUNCTION DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
TEMPOUT
RBIAS
AVDD
NC
NC
AVDD
VCM D
AVDD
VIN – D
VIN + D
AVDD
AVDD
AVDD
AVDD
CLK–
17
CLK+
18
AVDD
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
NC
PGM0
PGM1
PGM2
PGM3
NC
AVDD
VCM A
AVDD
VIN – A
VIN + A
AVDD
AVDD
AVDD
CSB
SCLK
SDI/SDIO
SDO
PIN 1
INDICATOR
AD9239
TOP VIEW
(Not to Scale)
PIN 0 = EPAD = AGND
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE MUST BE SOLDERED TO THE GROUND PLANE
FOR THE LFCSP PACKAGE. SOLDERING THE EXPOSED PADDLE TO
THE CUSTOMER BOARD INCREASES THE RELIABILITY OF THE SOLDER
JOINTS, MAXIMIZING THE THERMAL CAPABILITY OF THE PACKAGE.
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
AGND
Analog Ground (Exposed Paddle).
23, 34
DRGND
Digital Output Driver Ground.
4, 7, 9, 12, 13, 14,
15, 18, 20, 21, 41, 42,
43, 46, 48, 55, 57,
60, 61, 62, 64, 65,
66, 69, 71
AVDD
1.8 V Analog Supply.
24, 33
DRVDD
1.8 V Digital Output Driver Supply.
2
TEMPOUT
Output Voltage to Monitor Temperature.
3
RBIAS
External Resistor to Set the Internal ADC Core Bias Current.
8
VCM D
Common-Mode Output Voltage Reference (0.5 × AVDD).
10
VIN − D
ADC D Analog Complement.
11
VIN + D
ADC D Analog True.
16
CLK−
Input Clock Complement.
17
CLK+
Input Clock True.
22
RESET
Digital Output Timing Reset.
25
DOUT + D
ADC D True Digital Output.
26
DOUT − D
ADC D Complement Digital Output.
27
DOUT + C
ADC C True Digital Output.
28
DOUT − C
ADC C Complement Digital Output.
29
DOUT + B
ADC B True Digital Output.
30
DOUT − B
ADC B Complement Digital Output.
31
DOUT + A
ADC A True Digital Output.
32
DOUT − A
ADC A Complement Digital Output.
35
PDWN
Power-Down.


Similar Part No. - AD9239-250KITZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9239-250KITZ AD-AD9239-250KITZ Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
More results

Similar Description - AD9239-250KITZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
   Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
AD9634 AD-AD9634 Datasheet
1Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com