Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8226BRMZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8226BRMZ
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226BRMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8226BRMZ Datasheet HTML 2Page - Analog Devices AD8226BRMZ Datasheet HTML 3Page - Analog Devices AD8226BRMZ Datasheet HTML 4Page - Analog Devices AD8226BRMZ Datasheet HTML 5Page - Analog Devices AD8226BRMZ Datasheet HTML 6Page - Analog Devices AD8226BRMZ Datasheet HTML 7Page - Analog Devices AD8226BRMZ Datasheet HTML 8Page - Analog Devices AD8226BRMZ Datasheet HTML 9Page - Analog Devices AD8226BRMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8226
Preliminary Technical Data
Rev. PrA | Page 6 of 16
Parameter
Conditions
A,C Grade
B Grade
Unit
Min
Typ
Max
Min
Typ
Max
Settling Time 0.01%
2 V step
G = 1
22
22
µs
G = 1 0
22
22
µs
G = 100
50
50
µs
G = 1000
600
600
µs
Slew Rate
G = 1
0.5
0.5
V/µs
G = 5 to 100
1
1
V/µs
GAIN
G = 1 + (49.4 kΩ/RG)
Gain Range
1
1000
1
1000
V/V
Gain Error
VOUT = 0 V to 1.7 V
G = 1
0.07
0.02
%
G = 10
0.3
0.1
%
G = 100
0.3
0.1
%
G = 1000
0.3
0.1
%
Gain Nonlinearity
VOUT = 0 V to 1.7 V
G = 1
RL = 10 kΩ
ppm
G = 100
RL = 10 kΩ
ppm
G = 1000
RL = 10 kΩ
ppm
G = 1-100
RL = 2 kΩ
ppm
Gain vs. Temperature
G = 1
TA = TMIN to TMAX
2
10
2
5
ppm/°C
G > 11
TA = TMIN to TMAX
−50
–50
ppm/°C
INPUT
−VS = 0V; +VS = 2.7 V to 36 V
Input Impedance
Differential
2||2
2||2
GΩ||pF
Common Mode
2||2
2||2
GΩ||pF
Input Operating Voltage Range2
TA = 25°C
− 0.1
+VS − 0.7
− 0.1
+VS − 0.7
V
TA = –40°C
− 0.15
+VS − 0.9
− 0.15
+VS − 0.9
V
TA = 105°C
− 0.05
+VS − 0.6
− 0.05
+VS − 0.6
V
Input Overvoltage Range
TA = TMIN to TMAX
+VS −40
−VS +40
+VS −40
−VS +40
OUTPUT
−VS = 0V; +VS = 2.7 V to 36 V
Output Swing
RL = 10 kΩ to opposite supply
0.2
+VS − 0.2
0.2
−VS + 0.2
V
Over Temperature
TA = TMIN to TMAX
0.3
+VS − 0.3
0.3
+VS − 0.3
V
Output Swing
RL = 100 kΩ to opposite supply
0.1
+VS − 0.1
0.1
−VS + 0.1
V
Over Temperature
TA = TMIN to TMAX
0.1
+VS − 0.1
0.1
−VS + 0.1
V
Short-Circuit Current
13
13
mA
POWER SUPPLY
Operating Range
Single supply operation
2.6
36
2.6
36
V
Quiescent Current
300
350
300
350
µA
Over Temperature
TA = TMIN to TMAX
µA
TEMPERATURE RANGE
Specified Performance: TMIN to TMAX
A and B grades
–40
+85
–40
+85
°C
C grade
–40
+105
Operational
–40
+125
–40
+125
°C
1 Does not include the effects of external resistor R
G
2 Input voltage range of the AD8226 input stage. Input range depends on common mode voltage, differential voltage, gain, and reference voltage. See the Input
Voltage Range section in the Theory of Operation for more information.


Similar Part No. - AD8226BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226BRMZ AD-AD8226BRMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8226BRMZ AD-AD8226BRMZ Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226BRMZ-R7 AD-AD8226BRMZ-R7 Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8226BRMZ-R7 AD-AD8226BRMZ-R7 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226BRMZ-RL AD-AD8226BRMZ-RL Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
More results

Similar Description - AD8226BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Texas Instruments
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8227 AD-AD8227 Datasheet
657Kb / 24P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8420 AD-AD8420 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Texas Instruments
INA827 TI1-INA827 Datasheet
875Kb / 29P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com