Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7879-1ACPZ-RL Datasheet(PDF) 3 Page - Analog Devices

Part # AD7879-1ACPZ-RL
Description  Low Voltage Controller for Touch Screens
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879-1ACPZ-RL Datasheet(HTML) 3 Page - Analog Devices

  AD7879-1ACPZ-RL Datasheet HTML 1Page - Analog Devices AD7879-1ACPZ-RL Datasheet HTML 2Page - Analog Devices AD7879-1ACPZ-RL Datasheet HTML 3Page - Analog Devices AD7879-1ACPZ-RL Datasheet HTML 4Page - Analog Devices AD7879-1ACPZ-RL Datasheet HTML 5Page - Analog Devices AD7879-1ACPZ-RL Datasheet HTML 6Page - Analog Devices AD7879-1ACPZ-RL Datasheet HTML 7Page - Analog Devices AD7879-1ACPZ-RL Datasheet HTML 8Page - Analog Devices AD7879-1ACPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AD7879
Rev. 0 | Page 3 of 36
SPECIFICATIONS
VCC = 1.6 V to 3.6 V, TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC ACCURACY
Resolution
12
Bits
No Missing Codes
11
12
Bits
Integral Nonlinearity (INL)1
±3
LSB
LSB size = 390 μV
Differential Nonlinearity (DNL)1
LSB size = 390 μV
Negative DNL
−0.99
LSB
Positive DNL
+2
LSB
Offset Error2
±2
±6
LSB
Gain Error2
±4
LSB
Noise3
70
μV rms
Power Supply Rejection3
60
dB
Internal Clock Frequency
2
MHz
SWITCH DRIVERS
On Resistance1
Y+, X+
6
Ω
Y−, X−
5
Ω
ANALOG INPUTS
Input Voltage Ranges
0
VCC
V
DC Leakage Current
±0.1
μA
Input Capacitance
30
pF
Accuracy
0.3
%
TEMPERATURE MEASUREMENT
Temperature Range
−40
+85
°C
Resolution
0.3
°C
Accuracy2
±2
°C
Calibrated at 25°C
BATTERY MONITOR
Input Voltage Range
0
5
V
Input Impedance3
16
Accuracy
2
5
%
Uncalibrated accuracy
LOGIC INPUTS (DIN, SCL, CS, SDA, GPIO)
Input High Voltage, VINH
0.7 VCC
V
Input Low Voltage, VINL
0.3 VCC
V
Input Current, IIN
0.01
μA
VIN = 0 V or VCC
Input Capacitance, CIN3
10
pF
LOGIC OUTPUTS (DOUT, GPIO, SCL, SDA, INT)
Output High Voltage, VOH
VCC − 0.2
V
Output Low Voltage, VOL
0.4
V
Floating-State Leakage Current
±0.1
μA
Floating-State Output Capacitance2
5
pF
CONVERSION RATE3
Conversion Time
9.5
μs
Including 2 μs of acquisition time
Throughput Rate
105
kSPS
POWER REQUIREMENTS
VCC (Specified Performance)
1.6
2.6
3.6
V
ICC
Digital inputs = 0 V or VCC
Converting Mode
480
650
μA
ADC on, PM = 10
Static
406
μA
ADC and temperature sensor are off; the reference and
oscillator are on; PM = 01, 11
Shutdown Mode
0.5
6
μA
PM = 00
1 See the Terminology section.
2 Guaranteed by characterization, not production tested.
3 Sample tested at 25°C to ensure compliance.


Similar Part No. - AD7879-1ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7879-1ACPZ-RL AD-AD7879-1ACPZ-RL Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
AD7879-1ACPZ-RL AD-AD7879-1ACPZ-RL Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
More results

Similar Description - AD7879-1ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7889 AD-AD7889 Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
AD7879 AD-AD7879_17 Datasheet
779Kb / 40P
   Low Voltage Controller for Touch Screens
logo
3M Electronics
69-502 3M-69-502 Datasheet
131Kb / 2P
   MicroTouch™ TouchPen System for ClearTek™ II Touch Screens
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4187 AKM-AK4187 Datasheet
448Kb / 36P
   Touch Screen Controller for Dual Touch Gestures
logo
List of Unclassifed Man...
FTAS00-150A5 ETC2-FTAS00-150A5 Datasheet
470Kb / 6P
   Resistive Touch Screens 5-Wire, 4-Wire & Digital Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com