Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7689 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7689
Description  14-Bit, 8-Channel, 250 kSPS PulSAR ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7689 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7689 Datasheet HTML 7Page - Analog Devices AD7689 Datasheet HTML 8Page - Analog Devices AD7689 Datasheet HTML 9Page - Analog Devices AD7689 Datasheet HTML 10Page - Analog Devices AD7689 Datasheet HTML 11Page - Analog Devices AD7689 Datasheet HTML 12Page - Analog Devices AD7689 Datasheet HTML 13Page - Analog Devices AD7689 Datasheet HTML 14Page - Analog Devices AD7689 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7949
Rev. A | Page 11 of 28
90
85
80
75
70
65
60
0
50
100
150
200
FREQUENCY (kHz)
VDD = VREF = 5V, –0.5dB
VDD = VREF = 5V, –10dB
VDD = VREF = 2.5V, –0.5dB
VDD = VREF = 2.5V, –10dB
Figure 11. SNR vs. Frequency
88
86
84
82
80
78
15.5
15.0
14.5
14.0
13.5
13.0
1.0
REFERENCE VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SNR
SINAD
ENOB
Figure 12. SNR, SINAD, and ENOB vs. Reference Voltage
90
85
80
75
70
65
60
–55
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
125
fIN = 20kHz
VDD = VREF = 5V
VDD = VREF = 2.5V
Figure 13. SNR vs. Temperature
90
85
80
75
70
65
60
0
50
100
150
200
FREQUENCY (kHz)
VDD = VREF = 5V, –0.5dB
VDD = VREF = 5V, –10dB
VDD = VREF = 2.5V, –0.5dB
VDD = VREF = 2.5V, –10dB
Figure 14. SINAD vs. Frequency
130
125
120
115
110
105
100
95
90
85
80
75
70
1.0
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
–120
REFERENCE VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SFDR
THD
Figure 15. SFDR and THD vs. Reference Voltage
–90
–95
–100
–105
–110
–55
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
125
fIN = 20kHz
VDD = VREF = 5V
VDD = VREF = 2.5V
Figure 16. THD vs. Temperature


Similar Part No. - AD7689

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7689 AD-AD7689 Datasheet
1Mb / 20P
   16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
Rev. PrC
AD7689 AD-AD7689 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7689 AD-AD7689 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7689ACPZ AD-AD7689ACPZ Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7689ACPZ AD-AD7689ACPZ Datasheet
1Mb / 32P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
More results

Similar Description - AD7689

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7949 AD-AD7949_09 Datasheet
548Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. B
AD7949 AD-AD7949_17 Datasheet
756Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
EVAL-AD7689EDZ AD-EVAL-AD7689EDZ Datasheet
1Mb / 32P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
AD7682 AD-AD7682 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7942 AD-AD7942 Datasheet
555Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
REV. B
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com