Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7689 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7689
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7689 Datasheet(HTML) 3 Page - Analog Devices

  AD7689 Datasheet HTML 1Page - Analog Devices AD7689 Datasheet HTML 2Page - Analog Devices AD7689 Datasheet HTML 3Page - Analog Devices AD7689 Datasheet HTML 4Page - Analog Devices AD7689 Datasheet HTML 5Page - Analog Devices AD7689 Datasheet HTML 6Page - Analog Devices AD7689 Datasheet HTML 7Page - Analog Devices AD7689 Datasheet HTML 8Page - Analog Devices AD7689 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7699
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VDD = 4.5 V to 5.5 V, VREF = 4.096 to VDD, VIO = 1.8 V to VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
Unipolar mode
0
+V
REF
V
Bipolar mode
−V
REF/2
+V
REF/2
V
Absolute Input Voltage
Positive input, unipolar and bipolar modes
−0.1
V
REF + 0.1
V
Negative or COM input, unipolar mode
−0.1
+0.1
V
Negative or COM input, bipolar mode
V
REF/2 − 0.1
V
REF/2
V
REF/2 + 0.1
V
Analog Input CMRR
f
IN = 250 kHz
68
dB
Leakage Current at 25°C Input
Impedance1
Acquisition phase
1
nA
THROUGHPUT
Conversion Rate
Full Bandwidth2
0
500
kSPS
¼ Bandwidth2
0
125
kSPS
Transient Response
Full-scale step, full bandwidth
400
ns
Full-scale step, ¼ bandwidth
1600
ns
ACCURACY
No Missing Codes
16
Bits
Integral Linearity Error
−1.5
±0.5
+1.5
LSB3
Differential Linearity Error
−1
±0.25
+1.5
LSB
Transition Noise
REF = VDD = 5 V
0.5
LSB
Gain Error4
All modes
−10
±1
+10
LSB
Gain Error Match
−3
±1
+3
LSB
Gain Error Temperature Drift
±0.3
ppm/°C
Offset Error4
All modes
−10
±1
+10
LSB
Offset Error Match
−3
±1
+3
LSB
Offset Error Temperature Drift
±0.3
ppm/°C
Power Supply Sensitivity
VDD = 5 V ± 5%
±1.5
LSB
AC Accuracy
Dynamic Range
93.3
dB5
Signal-to-Noise
f
IN = 20 kHz, VREF = 5 V
92
92.5
dB
f
IN = 20 kHz, VREF = 4.096 V internal REF
89.5
91.5
dB
SINAD
f
IN = 20 kHz, VREF = 5 V
90
91.5
dB
f
IN = 20 kHz, VREF = 5 V, −60 dB input
33.5
dB
f
IN = 20 kHz, VREF = 4.096 V internal REF
89
90.5
dB
Total Harmonic Distortion
f
IN = 20 kHz
−97
dB
Spurious-Free Dynamic Range
f
IN = 20 kHz
112
dB
Channel-to-Channel Crosstalk
f
IN = 100 kHz on adjacent channel(s)
−125
dB
SAMPLING DYNAMICS
−3 dB Input Bandwidth
Full bandwidth
14
MHz
¼ bandwidth
3.6
MHz
Aperture Delay
VDD = 5 V
2.5
ns


Similar Part No. - AD7689

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7689 AD-AD7689 Datasheet
1Mb / 20P
   16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
Rev. PrC
AD7689 AD-AD7689 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7689 AD-AD7689 Datasheet
744Kb / 28P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7689ACPZ AD-AD7689ACPZ Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7689ACPZ AD-AD7689ACPZ Datasheet
1Mb / 32P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
More results

Similar Description - AD7689

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7655 AD-AD7655_17 Datasheet
593Kb / 27P
   Low Cost, 4-Channel, 16-Bit, 500 kSPS PulSAR ADC
AD7686 AD-AD7686_15 Datasheet
507Kb / 28P
   16-Bit, 500 kSPS PulSAR
REV. C
EVAL-AD7689EDZ AD-EVAL-AD7689EDZ Datasheet
1Mb / 32P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
AD7682 AD-AD7682 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7652 AD-AD7652_15 Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
REV. 0
AD7652 AD-AD7652 Datasheet
790Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7666 AD-AD7666 Datasheet
560Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com