Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPB56724CAG Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # DSPB56724CAG
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56724CAG Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button DSPB56724CAG Datasheet HTML 6Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 7Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 8Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 9Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 10Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 11Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 12Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 13Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
SymphonyDSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
10
Table 6 lists the clock operation.
1.1.8
Reset, Stop, Mode Select, and Interrupt Timing
Table 7 lists the reset, stop, mode select, and interrupt timing.
Table 6. Clock Operation
No.
Characteristics
Symbol
Min
Max
Units
6
EXTAL input high 1
(40% to 60% duty cycle)
• Crystal oscillator
• Square wave input
Eth
16.67
2.5
100
inf
ns
7
EXTAL input low1
(40% to 60% duty cycle)
• Crystal oscillator
• Square wave input
Etl
16.67
2.5
100
inf
ns
8
EXTAL cycle time
• With PLL disabled
• With PLL enabled
Etc
5
33.3
inf
500
ns
9
Instruction cycle time
• With PLL disabled
• With PLL enabled
Tc
5
44
inf
5120
ns
Note:
1. Measured at 50% of the input transition.
2. The indicated duty cycle is for the specified maximum frequency for which a part is rated. The minimum clock high or low time
required for correct operation, however, remains the same at lower operating frequencies; therefore, when a lower clock
frequency is used, the signal symmetry may vary from the specified duty cycle as long as the minimum high time and low
time requirements are met.
3. Maximum frequency of 200 MHz supported at 0.95 V < VVDD_CORE < 1.05 V and –40 < Tj < 100° C
Maximum frequency of 250 MHz supported at 1.14 V < VVDD_CORE < 1.26 V and 0 < Tj < 90° C
4. PLLLOCK = 200 μs.
Table 7. Reset, Stop, Mode Select, and Interrupt Timing
No.
Characteristics
Expression
Min
Max
Unit
10
Delay from RESET assertion to all pins at reset value3
——
11
ns
11
Required RESET duration4
• Power on, external clock generator, PLL disabled
• Power on, external clock generator, PLL enabled
2
× TC
10
ns
2
× TC
10
ns
13
Syn reset deassert delay time
• Minimum
2
× TC
10
ns
• Maximum (PLL enabled)
(2xTC)+PLLLOCK
200
us
14
Mode select setup time
10
ns
15
Mode select hold time
12
ns
16
Minimum edge-triggered interrupt request assertion width
7
ns
17
Minimum edge-triggered interrupt request deassertion width
4
ns
18
Delay from interrupt trigger to interrupt code execution
10
× TC + 4
54
ns


Similar Part No. - DSPB56724CAG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSPB56720AG FREESCALE-DSPB56720AG Datasheet
1,018Kb / 54P
   SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
logo
NXP Semiconductors
DSPB56720AG NXP-DSPB56720AG Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
DSPB56720CAG NXP-DSPB56720CAG Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
logo
Freescale Semiconductor...
DSPB56721AF FREESCALE-DSPB56721AF Datasheet
1,018Kb / 54P
   SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
logo
NXP Semiconductors
DSPB56721AF NXP-DSPB56721AF Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
More results

Similar Description - DSPB56724CAG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56720 NXP-DSP56720 Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
logo
Freescale Semiconductor...
DSP56720 FREESCALE-DSP56720 Datasheet
1,018Kb / 54P
   SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
DSP56004 FREESCALE-DSP56004 Datasheet
617Kb / 82P
   SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
logo
NXP Semiconductors
DSP56004 NXP-DSP56004 Datasheet
909Kb / 82P
   SYMPHONY™AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
Rev. 3
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
   Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com