Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPB56724CAG Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # DSPB56724CAG
Description  Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56724CAG Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button DSPB56724CAG Datasheet HTML 5Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 6Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 7Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 8Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 9Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 10Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 11Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 12Page - Freescale Semiconductor, Inc DSPB56724CAG Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
SymphonyDSP56724/ DSP56725 Multi-Core Audio Processors, Rev. 1
Freescale Semiconductor
9
1.1.7
External Clock Operation
The DSP56724/DSP56725 system clock is derived from the on-chip oscillator or is externally supplied. To use the on-chip
oscillator, connect a crystal and associated resistor/capacitor components to EXTAL and XTAL; see Figure 6.
Figure 6. Using the On-Chip Oscillator
If the DSP56724/DSP56725 system clock is an externally supplied square wave voltage source, it is connected to EXTAL
(Figure 7). When the external square wave source is connected to EXTAL, the XTAL pin is not used.
Figure 7. External Clock Timing
3
PLL VCO Frequency
Fvco
200
500
MHz
Fvco = (Fin * NF)/NR
4
Output Clock Frequency [1] [2]
• with PLL enabled
• with PLL disabled
Fout
25
200 or 250
200 or 250
MHz
Fout = Fvco/NO
Fout = Fin
5
System Clock Frequency
• with PLL enabled[2]
• with PLL disabled
Fsys
0.195
0
200 or 250
200
MHz
Fsys = Fout/2DF
Fsys = Fout
Note:
1. Fin = External frequency
NF = Multiplication Factor
NR = Predivision Factor
NO = Output Divider
DF = Division Factor
2. Maximum frequency of 200 MHz supported at 0.95 V < VVDD_CORE < 1.05 V and –40 < Tj < 100° C
Maximum frequency of 250 MHz supported at 1.14 V < VVDD_CORE < 1.26 V and 0 < Tj < 90° C
Table 5. Internal Clocks (Continued)
No.
Characteristics
Symbol
Min
Typ
Max
Unit
Condition
Suggested component values:
fosc = 24.576 MHz
R = 1 M ±10%
C (EXTAL)= 18 pF
Calculations are for a 5–30 MHz crystal with the following parameters:
• shunt capacitance (C0) of 10 pq–F12 pF
• series resistance 40 Ohm
C (XTAL) = 18 pF
• drive level of 10
μW
XTAL
EXTAL
R
XTAL1
C
C
EXTAL
VIL
VIH
Midpoint
Note:
The midpoint is 0.5 (VIH + VIL).
Eth
Etl
Etc
7
8
6


Similar Part No. - DSPB56724CAG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSPB56720AG FREESCALE-DSPB56720AG Datasheet
1,018Kb / 54P
   SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
logo
NXP Semiconductors
DSPB56720AG NXP-DSPB56720AG Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
DSPB56720CAG NXP-DSPB56720CAG Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
logo
Freescale Semiconductor...
DSPB56721AF FREESCALE-DSPB56721AF Datasheet
1,018Kb / 54P
   SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
logo
NXP Semiconductors
DSPB56721AF NXP-DSPB56721AF Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
More results

Similar Description - DSPB56724CAG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56720 NXP-DSP56720 Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
logo
Freescale Semiconductor...
DSP56720 FREESCALE-DSP56720 Datasheet
1,018Kb / 54P
   SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
DSP56004 FREESCALE-DSP56004 Datasheet
617Kb / 82P
   SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
logo
NXP Semiconductors
DSP56004 NXP-DSP56004 Datasheet
909Kb / 82P
   SYMPHONY™AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
Rev. 3
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
   Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com