Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7156 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7156
Description  Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7156 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7156 Datasheet HTML 5Page - Analog Devices AD7156 Datasheet HTML 6Page - Analog Devices AD7156 Datasheet HTML 7Page - Analog Devices AD7156 Datasheet HTML 8Page - Analog Devices AD7156 Datasheet HTML 9Page - Analog Devices AD7156 Datasheet HTML 10Page - Analog Devices AD7156 Datasheet HTML 11Page - Analog Devices AD7156 Datasheet HTML 12Page - Analog Devices AD7156 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD7156
Rev. 0 | Page 9 of 28
–10
1
10
100
1k
2
0
–2
–4
–6
–8
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0.1
1
10
100
1k
RESISTANCE EXC TO GROUND (MΩ)
1.8V
3.3V
1.8V
3.3V
RESISTANCE CIN TO GND (MΩ)
Figure 10. Capacitance Input Gain Error vs. Resistance CIN to GND,
VDD = 1.8 V and 3.3 V, CIN to EXC = 3 pF
2
0
–2
–4
–6
–8
–10
1
10
100
1k
RESISTANCE CIN TO GND (MΩ)
1.8V
3.3V
Figure 11. Capacitance Input Gain Error vs. Resistance CIN to GND,
VDD = 1.8 V and 3.3 V, CIN to EXC = 9 pF
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0.1
1
10
100
1k
RESISTANCE EXC TO GROUND (MΩ)
1.8V
3.3V
Figure 12. Capacitance Input Gain Error vs. Resistance EXC to GND,
VDD = 1.8 V and 3.3 V, CIN to EXC = 3 pF
Figure 13. Capacitance Input Gain Error vs. Resistance EXC to GND,
VDD = 1.8 V and 3.3 V, CIN to EXC = 9 pF
1
0
–1
–2
–4
–6
–3
–5
–7
0
20406080
100
SERIAL RESISTANCE (kΩ)
1.8V
3.3V
Figure 14. Capacitance Input Gain Error vs. Serial Resistance,
VDD = 1.8 V and 3.3 V, CIN to EXC = 3 pF
10
0
–10
–20
–30
–40
–50
1
10
100
1k
PARELLEL RESISTANCE (MΩ)
1.8V
3.3V
Figure 15. Capacitance Input Gain Error vs. Parallel Resistance,
VDD = 1.8 V and 3.3 V, CIN to EXC = 3 pF


Similar Part No. - AD7156

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7156 AD-AD7156 Datasheet
396Kb / 29P
   2-Channel Capacitance Converter
AD7156BCPZ-REEL AD-AD7156BCPZ-REEL Datasheet
396Kb / 29P
   2-Channel Capacitance Converter
AD7156BCPZ-REEL7 AD-AD7156BCPZ-REEL7 Datasheet
396Kb / 29P
   2-Channel Capacitance Converter
AD7156 AD-AD7156_17 Datasheet
396Kb / 29P
   2-Channel Capacitance Converter
More results

Similar Description - AD7156

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
logo
Panasonic Semiconductor
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
   5.3 mm 횞 1.8 mm
logo
Texas Instruments
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TLV62085 TI-TLV62085_15 Datasheet
349Kb / 20P
[Old version datasheet]   TLV62085 High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62901 TI-TPS62901 Datasheet
6Mb / 50P
[Old version datasheet]   TPS62901, 3-V to 17-V, High Efficiency and Low IQ Buck Converter in 1.5-mm 횞 2-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com