Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5764RBSUZ-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5764RBSUZ-REEL7
Description  Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764RBSUZ-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5764RBSUZ-REEL7 Datasheet HTML 2Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5764RBSUZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD5764R
Rev. 0 | Page 6 of 32
AC PERFORMANCE CHARACTERISTICS
AVDD = 11.4 V to 16.5 V, AVSS = −11.4 V to −16.5 V, AGND = DGND = REFGND = PGND = 0 V; REFAB = REFCD = 5 V external;
DVCC = 2.7 V to 5.25 V, RLOAD = 10 kΩ, CL = 200 pF. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
B Grade
C Grade
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
Output Voltage Settling Time
8
8
μs typ
Full-scale step to ±1 LSB
10
10
μs max
2
2
μs typ
512 LSB step settling
Slew Rate
5
5
V/μs typ
Digital-to-Analog Glitch Energy
8
8
nV-sec typ
Glitch Impulse Peak Amplitude
25
25
mV max
Channel-to-Channel Isolation
80
80
dB typ
DAC-to-DAC Crosstalk
8
8
nV-sec typ
Digital Crosstalk
2
2
nV-sec typ
Digital Feedthrough
2
2
nV-sec typ
Effect of input bus activity on DAC outputs
Output Noise (0.1 Hz to 10 Hz)
0.1
0.1
LSB p-p typ
Output Noise (0.1 Hz to 100 kHz)
45
45
μV rms max
1/f Corner Frequency
1
1
kHz typ
Output Noise Spectral Density
60
60
nV/√Hz typ
Measured at 10 kHz
Complete System Output Noise Spectral Density2
80
80
nV/√Hz typ
Measured at 10 kHz
1 Guaranteed by design and characterization; not production tested.
2 Includes noise contributions from integrated reference buffers, a 16-bit DAC, and an output amplifier.


Similar Part No. - AD5764RBSUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5764RBSUZ-REEL7 AD-AD5764RBSUZ-REEL7 Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

Similar Description - AD5764RBSUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764 AD-AD5764 Datasheet
266Kb / 27P
   Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrC 21-Oct-0
AD5744 AD-AD5744 Datasheet
377Kb / 27P
   Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA 15-Nov-04
AD5744R AD-AD5744R_15 Datasheet
548Kb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. E
AD5744R AD-AD5744R_08 Datasheet
652Kb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. A
AD5744R AD-AD5744R Datasheet
1Mb / 32P
   Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com