Part Name
         Description
AD5744RCSUZ

 Complete Quad, 14-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC ( 32 Page)


AD
100% 
Zoom Out Zoom In
 14 page
background image
AD5744R
Rev. A | Page 14 of 32
0.04
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
–40
100
–20
0
20
40
60
80
TEMPERATURE (°C)
VDD/VSS = ±15V
REFIN = 5V
Figure 13. Differential Nonlinearity Error vs. Temperature,
VDD/VSS = ±15 V
0.04
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
–40
100
–20
0
20
40
60
80
TEMPERATURE (°C)
VDD/VSS = ±12V
REFIN = 5V
Figure 14. Differential Nonlinearity Error vs. Temperature,
VDD/VSS = ±12 V
0.12
–0.04
–0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
11.4
16.4
15.4
14.4
13.4
12.4
SUPPLY VOLTAGE (V)
TA = 25°C
REFIN = 5V
Figure 15. Integral Nonlinearity Error vs. Supply Voltage
0.15
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
11.4
16.4
15.4
14.4
13.4
12.4
SUPPLY VOLTAGE (V)
TA = 25°C
REFIN = 5V
Figure 16. Differential Nonlinearity Error vs. Supply Voltage
0.20
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
17
56
4
3
2
REFERENCE VOLTAGE (V)
TA = 25°C
VDD/VSS = ±15V
Figure 17. Integral Nonlinearity Error vs. Reference Voltage
VDD/VSS = ±15 V
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
17
56
4
3
2
REFERENCE VOLTAGE (V)
TA = 25°C
VDD/VSS = ±16.5V
Figure 18. Differential Nonlinearity Error vs. Reference Voltage
VDD/VSS = ±16.5 V



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD5744RComplete Quad 14-Bit High Accuracy Serial Input Bipolar Voltage Output DAC 1 2 3 4 5 MoreAnalog Devices
AD5764RComplete Quad 16-Bit High Accuracy Serial Input Bipolar Voltage Output DAC 1 2 3 4 5 MoreAnalog Devices
AD5762RComplete Dual 16-Bit High Accuracy Serial Input Bipolar Voltage Output DACs 1 2 3 4 5 MoreAnalog Devices
AD5724Complete Quad 12-/14-/16-Bit Serial Input Unipolar/Bipolar Voltage Output DACs 1 2 3 4 5 MoreAnalog Devices
AD5724RComplete Quad 12-/14-/16-Bit Serial Input Unipolar/Bipolar Voltage Output DACs 1 2 3 4 5 MoreAnalog Devices
AD5726Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC 1 2 3 4 5 MoreAnalog Devices
AD5722Complete Dual 12-/14-/16-Bit Serial Input Unipolar/Bipolar Voltage Output DACs 1 2 3 4 5 MoreAnalog Devices
AD5722RComplete Dual 12-/14-/16-Bit Serial Input Unipolar/Bipolar Voltage Output DACs 1 2 3 4 5 MoreAnalog Devices
AD538440-Channel 3 V/5 V Single-Supply Serial 14-Bit Voltage Output DAC 1 2 3 4 5 MoreAnalog Devices
AD5412Single Channel 12/16-Bit Serial Input Current Source & Voltage Output DAC 1 2 3 4 5 MoreAnalog Devices

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl