Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPMT1003CT5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MPMT1003CT5
Description  Molded, SOT-23 Resistor Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPMT1003CT5 Datasheet(HTML) 2 Page - Vishay Siliconix

  MPMT1003CT5 Datasheet HTML 1Page - Vishay Siliconix MPMT1003CT5 Datasheet HTML 2Page - Vishay Siliconix MPMT1003CT5 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MPM (Divider)
Molded, SOT-23 Resistor Network
Vishay Thin Film
Document Number: 60001
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 14-May-07
11
DIMENSIONS AND IMPRINTING in inches and millimeters
DERATING CURVE
100 % = 0.25 W
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated Nichrome
Substrate Material
Silicon
Body
Molded epoxy
Terminals
Copper alloy #42 Sn62 plated
Lead Coplanarity
3 Mils Max.
Lead (Pb)-free Option
100 % Sn Matte
Lead (Pb)-free Finish
Plated
H L
W
K
S
B
A
A1
T
J
Ø
Pin #
1
2
3
DIMENSION
INCHES
MM
MIN.
MAX.
MIN.
MAX.
A
0.031
0.040
0.79
1.02
A1
0.001
0.004
0.02
0.10
B
0.105
0.120
2.67
3.05
S
0.071
0.079
1.80
2.00
W
0.015
0.021
0.38
0.54
L
0.083
0.098
2.10
2.50
H
0.047
0.055
1.20
1.40
T
0.005
0.010
0.13
0.25
J
0.0035
0.0059
0.089
0.15
K
0.017
0.022
0.44
0.55
Ø0
0
Ambient Temperature °C
0
70
125
150
0
20
40
60
80
100
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MPM1002AWS (preferred part number format)
GLOBAL MODEL
(3 or 4 digits)
RESISTANCE
(4 or 8 digits)
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
MPM
(Tin Lead)
MPMT
(Lead (Pb)-free)
(e3)
First
3
digits
are
significant
figures
and
the
last
digit
specifies the number of zeroes
to follow. When like values are
required use total resistance.
When dual values are required
list both values.
Example:
(list R1 first in part number with
dual values)
1002 = 10K (5K/5K)
1003 = 100K (50K/50K)
10011002 = 1K/10K divider
Abs. Tol.
A = 0.1 %
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1 %
*Z = 0.1 %
*Q = 0.05 %
Ratio
0.05 %
0.1 %
0.1 %
0.1 %
0.5 %
0.025 %
0.01 %
BS = BULK 100 Min 1 Mult
WS = WAFFLE 100 Min 1 Mult
TAPE AND REEL
T0 = 100 Min 100 Mult
T1 = 1000 Min 1000 Mult
T3 = 300 Min 300 Mult
T5 = 500 Min 500 Mult
TF = Full Reel 4000
TS = 100 Min 1 Mult
* Tol. Available 1K and up
equal values only
Historical Part Number example: MPM1002BW (will continue to be accepted)
MPM
1002
B
W
SERIES
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
P
M
T
10015
M
001
A
T
1
P
M
1003
M
AW
S


Similar Part No. - MPMT1003CT5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPMT1003CT5 VISHAY-MPMT1003CT5 Datasheet
105Kb / 3P
   Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
Revision: 12-Jul-13
More results

Similar Description - MPMT1003CT5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VRD330K470MTF VISHAY-VRD330K470MTF Datasheet
98Kb / 4P
   Molded, SOT-23 Resistor/Capacitor Network
Revision: 01-Jul-08
MPMT2001AT5 VISHAY-MPMT2001AT5 Datasheet
290Kb / 3P
   Molded, SOT-23 Resistor, Surface Mount Network
Revision: 25-Jan-10
MPD VISHAY-MPD Datasheet
280Kb / 4P
   Molded, SOT-143 Resistor Network
Revision: 17-Sep-07
MPM VISHAY-MPM_17 Datasheet
105Kb / 3P
   Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
Revision: 12-Jul-13
MPMA1002AT1 VISHAY-MPMA1002AT1 Datasheet
105Kb / 4P
   Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor
Revision: 03-Dec-12
MPMA VISHAY-MPMA Datasheet
103Kb / 4P
   Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
Revision: 03-Nov-15
logo
Guangdong Youtai Semico...
SM712 UMW-SM712 Datasheet
528Kb / 4P
   Molded JEDEC SOT-23 Package
logo
IRC - a TT electronics ...
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
   TaNFilm Precision Molded DIP Resistor Network
logo
Jiangsu High diode Semi...
MMUN2211 HDSEMI-MMUN2211 Datasheet
2Mb / 11P
   SOT-23 Plastic-Encapsulate Bias Resistor Transistor
logo
Linear Technology
LTC6905 LINER-LTC6905 Datasheet
119Kb / 8P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com