Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1882AJCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD1882AJCPZ
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1882AJCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD1882AJCPZ Datasheet HTML 1Page - Analog Devices AD1882AJCPZ Datasheet HTML 2Page - Analog Devices AD1882AJCPZ Datasheet HTML 3Page - Analog Devices AD1882AJCPZ Datasheet HTML 4Page - Analog Devices AD1882AJCPZ Datasheet HTML 5Page - Analog Devices AD1882AJCPZ Datasheet HTML 6Page - Analog Devices AD1882AJCPZ Datasheet HTML 7Page - Analog Devices AD1882AJCPZ Datasheet HTML 8Page - Analog Devices AD1882AJCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD1882A
Rev. 0
|
Page 5 of 20
|
August 2008
DIGITAL-TO-ANALOG CONVERTERS
Resolution
24
Bits
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)1
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
DAC Crosstalk
dB
(Input L, Zero R, Read R_OUT; Input R, Zero L, Read L_OUT)1
–95
dB
DAC VOLUMES
Step Size (DAC0, DAC1, DAC2)
1.5
dB
Output Gain/Attenuation Range
–58.5
0
dB
Mute Attenuation of 0 dB Fundamental1
–80
dB
ADC VOLUMES
Step Size (ADCSEL-0, ADCSEL-1)
1.5
dB
PGA Gain/Attenuation Range
–58.5
+22.5
dB
Mute Attenuation of 0 dB Fundamental1
–80
dB
ANALOG MIXER
Signal-to-Noise Ratio (SNR) Input to Output
95
dB
Step Size: All Mixer Inputs
1.5
dB
Input Gain/Attenuation Range: All Mixer Inputs
–34.5
+12.0
dB
ANALOG LINE LEVEL OUTPUTS
Full-Scale Output Voltage
1.0
V rms3
Ports C, E, F, and G Mono Out
2.83
V p-p
Output Impedance1
300
Ω
External Load Impedance
1
10
k
Ω
Output Capacitance1
15
pF
External Load Capacitance
1
1000
pF
ANALOG HP DRIVE OUTPUTS
Full-Scale Output Voltage
1.0
V rms
3
Ports A and D
2.83
V p-p
Output Impedance
1
0.5
Ω
External Load Impedance1
32
Ω
Output Capacitance
1
15
pF
External Load Capacitance1
1000
pF
ANALOG INPUTS
CD, Port D (When Used as Input)
1
2.83
V rms3
V p-p
Microphone Boost Amplifier, Ports B, C,
or E (When Used as Inputs)
Boost = 0 dB
1
2.83
V rms3
V p-p
Boost = 10 dB
0.316
0.894
V rms
3
V p-p
Boost = 20 dB
0.1
0.283
V rms
3
V p-p
Boost = 30 dB
0.032
0.089
V rms
3
V p-p
Input Impedance1
20
k
Ω
Input Capacitance
1
57.5
pF
DIGITAL GPIO PINS: GPIO_0, GPIO_1/EAPD
Input Signal High (VIH)DVGPIO
× 0.60
DVGPIO
V
Input Signal Low (VIL)0
DVGPIO
× 0.24
V
Input Leakage Current (Signal High), (IIH)
150
nA
Input Leakage Current (Signal Low), (IIL)50
μA
Output Signal High (VOH)IOUT = –500
μADVGPIO × 0.72
DVGPIO
V
Output Signal Low (VOL)IOUT = +1500
μA0
DVGPIO
× 0.10
V
DM_CLK
Output Signal High (VOH)IOUT = –500
μADVGPIO × 0.72
DVGPIO
V
Output Signal Low (VOL)IOUT = +1500
μA0
DVGPIO
× 0.10
V
Parameter
Min
Typ
Max
Unit


Similar Part No. - AD1882AJCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ-RL1 AD-AD1882JCPZ-RL1 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ1 AD-AD1882JCPZ1 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results

Similar Description - AD1882AJCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com