Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX-3-SM132B Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # CX-3-SM132B
Description  CX MINIATURE CRYSTALS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX-3-SM132B Datasheet(HTML) 1 Page - EUROQUARTZ limited

  CX-3-SM132B Datasheet HTML 1Page - EUROQUARTZ limited CX-3-SM132B Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CX-3-SM
9.6MHz to 160MHz
LOW-PROFILE
MINIATURE AT-CUT
SMD CRYSTAL
CX-3-SM
9.6MHz to 160MHz
LOW-PROFILE
MINIATURE AT-CUT
SMD CRYSTAL
General Description
CX-3-SM AT-cut crystals are leadless devices designed for surface-
mounting on printed circuit boards or hybrid circuits. The crystals
are low profile with a very small land area.
Outline







Designed for surface-mount applications using
infrared, vapour phase, wave solder or epoxy
mount techniques
Ideal for use with microprocessors
Designed for low power applications
Compatible with hybrid or PCB mounting
Low ageing
Full military environmental testing available
Custom designs available
Specification
Dimension
A
6.73
7.11
B
2.62
2.90
C
-
see below
D
1.27
1.52
E
1.32
1.57
CX-3-SM Package Dimensions
Typical
(mm)
Maximum
(mm)
Dimension
“C”
SM1
1.47
1.75
SM2
1.52
1.80
SM3
1.60
1.88
Glass Lid
(mm max.)
Ceramic Lid
(mm max.)

LR
C
C



12
R
L

CC
Mot ional Resistance
Motional Capacitance
Motional Inductance
Shunt Capacitance
Equivalent Circuit
Frequency Range:
Calibration Tolerance*:
Load Capacitance:
Motional Resistance (R ):
Motional Capacitance (C ):
Quality Factor (Q):
Shunt Capacitance (C ):
Drive Level:
Frequency Stability Temp**:
Ageing, first year:
Shock, survival***:
Vibration, survival:
Operating Temperature:
Storage Temperature:
Max. Process Temperature:
9.6MHz to 160MHz
A:
±0.01% (±100ppm)
B:
±0.1%
C:
±1.0%
20pF (unless other specified)
see table below
see table below
see table below
see table below
500 W max.
-10° to +70°C from ±10ppm
-40° to +85°C from ±20ppm
-55° to +125°C from ±30ppm
±5ppm max.
3,000g peak, 0.3ms, ½ sine
20g rms 10-2,000Hz random
-10°~+70°C (commercial)
-40°~+85°C (industrial)
-55°~+125°C (military)
-55°C~+125°C
260°C for 20 seconds
Note: temperature stability characteristics follow thos of AT-cut
thickness-shear mode.
Specifications are typical at 25°C unless otherwise indicated.
*
Closer frequency calibration available
**
Other turning point available
***
Higher shock version available



m
A
B
C
D
D
D
E
(TOP)
Frequency
10.0MHz
60
2.8
95
1.4
32MHz
20
7.8
36
2.4
155MHz
50
0.5
41
3.2
CX-3-SM Motional Parameters, Q and C

Motional
Resistance
R( )

9
Motional
Capacitance
C (fF)

Quality
Factor
‘000s
Shunt
Capacitance
C (pF)

+44(0)1460 230000
+44(0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
EUROQUARTZ
CX MINIATURE CRYSTALS
Page
1of2


Similar Part No. - CX-3-SM132B

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX-3-SM11.0A EUROQUARTZ-CX-3-SM11.0A Datasheet
100Kb / 2P
   CX MINIATURE CRYSTALS
CX-3-SM11.0B EUROQUARTZ-CX-3-SM11.0B Datasheet
100Kb / 2P
   CX MINIATURE CRYSTALS
CX-3-SM11.0C EUROQUARTZ-CX-3-SM11.0C Datasheet
100Kb / 2P
   CX MINIATURE CRYSTALS
More results

Similar Description - CX-3-SM132B

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX-1H-SM EUROQUARTZ-CX-1H-SM Datasheet
118Kb / 2P
   CX MINIATURE CRYSTALS
CX-3V-SM EUROQUARTZ-CX-3V-SM Datasheet
125Kb / 2P
   CX MINIATURE CRYSTALS
CX-1HG-SM EUROQUARTZ-CX-1HG-SM Datasheet
111Kb / 2P
   CX MINIATURE CRYSTALS
CX-2H-SM EUROQUARTZ-CX-2H-SM Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-2-SM1 EUROQUARTZ-CX-2-SM1 Datasheet
115Kb / 2P
   CX MINIATURE CRYSTALS
CX-6V-SM1 EUROQUARTZ-CX-6V-SM1 Datasheet
100Kb / 2P
   CX MINIATURE CRYSTALS
CX-6V-SM EUROQUARTZ-CX-6V-SM Datasheet
111Kb / 2P
   CX MINIATURE CRYSTALS
CX-2 EUROQUARTZ-CX-2 Datasheet
112Kb / 2P
   CX MINIATURE CRYSTALS
CX-4V-SM EUROQUARTZ-CX-4V-SM Datasheet
98Kb / 2P
   CX MINIATURE CRYSTALS
CX-6-SM1 EUROQUARTZ-CX-6-SM1 Datasheet
126Kb / 2P
   CX MINIATURE CRYSTALS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com