Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX-1-0332I Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # CX-1-0332I
Description  CX MINIATURE CRYSTALS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX-1-0332I Datasheet(HTML) 1 Page - EUROQUARTZ limited

  CX-1-0332I Datasheet HTML 1Page - EUROQUARTZ limited CX-1-0332I Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CX-1-03
8MHz to 160MHz
MINIATURE AT-CUT
QUARTZ CRYSTAL
CX-1-03
8MHz to 160MHz
MINIATURE AT-CUT
QUARTZ CRYSTAL
The CX-1 quartz crystal is a high quality miniature AT-cut
resonator. The CX-1 is hermetically sealed in a rugged, miniature
ceramic package, a quarter of the size of an eight pin dual-in-line
package. The crystal is manufactured utilizing a photo-lithographic
process, ensuring consistency and repeatability of electrical
characteristics.
Outline and Dimensions





Low-profile hermetically sealed package
Excellent ageing characteristics
Fundamental or 3rd Overtone mode
High shock resistance
Full military environmental testing available
Frequency Range:
Calibration Tolerance*:
Load Capacitance:
Motional Resistance (R ):
Motional Capacitance (C ):
Quality Factor (Q):
Shunt Capacitance (C ):
Drive Level:
Temperature Stability**:
Ageing, first year:
Shock, survival***:
Vibration, survival:
Operating Temperature:
Storage Temperature:
Process Temperature:
8MHz to 160MHz
A ±0.01% (±100ppm)
B ±0.1%
C ±1.0%
20pF (unless other required)
See table
See table
See table
See table
500 W max.
-10° to +70°C (Commercial)
-40° to +85°C (Industrial)
-55° to +125°C (Military)
±5ppm max.
3000g 0.3ms, ½ sine
20g rms 10-2,000Hz random
-10°~+70°C (commercial)
-40°~+85°C (industrial)
-55°~+125°C (military)
-55°C~+125°C
Lead to Package temp. not to
exceed 175°C
Glass lid to package seal rim
temp. not to exceed 210°C
Specifications are typical at 25°C unless otherwise indicated.
The characteristics of the frequency stability parameter follow that of
AT-cut, thickness-shear mode crystals.
*
Closer calibration available, as low as ±5ppm
**
Does not include calibration tolerance
**
A higher shock version is available, refer to data sheet for
the model CX-1HG



m
Specification

LR
C
C



12
R
L

CC
Mot ional Resistance
Motional Capacitance
Motional Inductance
Shunt Capacitance
Equivalent Circuit
Frequency
10.0MHz
50
5.5
80
2.2
32MHz
20
7.8
36
2.6
155MHz
50
0.5
41
3.2
CX-1 Motional Parameters, Q and C

Motional
Resistance
R( )

9
Motional
Capacitance
C (fF)

Quality
Factor
‘000s
Shunt
Capacitance
C (pF)

Standard Frequencies (MHz)
10.0
19.6608
32.0
11.0592
20.0
35.2512
12.0
24.0
36.0
14.318
24.576
40.0
16.0
30.0
2.0
3.8
8.1
7.6
3.8
0.7
General Description
+44(0)1460 230000
+44(0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
EUROQUARTZ
CX MINIATURE CRYSTALS
Page
1of2


Similar Part No. - CX-1-0332I

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX-1-03 STATEK-CX-1-03 Datasheet
75Kb / 2P
   Miniature AT-Cut Quartz Crystal
logo
EUROQUARTZ limited
CX-1-03 EUROQUARTZ-CX-1-03 Datasheet
108Kb / 2P
   CX MINIATURE CRYSTALS
logo
RSG Electronic Componen...
CX-1-03 RSG-CX-1-03 Datasheet
57Kb / 2P
   530 kHz to 2.1 MHz Miniature Quartz Crystal
CX-1-03 RSG-CX-1-03 Datasheet
83Kb / 2P
   8 MHz to 160 MHz Miniature AT-Cut Quartz Crystal
logo
EUROQUARTZ limited
CX-1-03-AT EUROQUARTZ-CX-1-03-AT Datasheet
93Kb / 1P
   Miniature AT-Cut Quartz Crystal
More results

Similar Description - CX-1-0332I

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX-1H-SM EUROQUARTZ-CX-1H-SM Datasheet
118Kb / 2P
   CX MINIATURE CRYSTALS
CX-3V-SM EUROQUARTZ-CX-3V-SM Datasheet
125Kb / 2P
   CX MINIATURE CRYSTALS
CX-1HG-SM EUROQUARTZ-CX-1HG-SM Datasheet
111Kb / 2P
   CX MINIATURE CRYSTALS
CX-2H-SM EUROQUARTZ-CX-2H-SM Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-2-SM1 EUROQUARTZ-CX-2-SM1 Datasheet
115Kb / 2P
   CX MINIATURE CRYSTALS
CX-3-SM1 EUROQUARTZ-CX-3-SM1 Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-6V-SM1 EUROQUARTZ-CX-6V-SM1 Datasheet
100Kb / 2P
   CX MINIATURE CRYSTALS
CX-6V-SM EUROQUARTZ-CX-6V-SM Datasheet
111Kb / 2P
   CX MINIATURE CRYSTALS
CX-2 EUROQUARTZ-CX-2 Datasheet
112Kb / 2P
   CX MINIATURE CRYSTALS
CX-4V-SM EUROQUARTZ-CX-4V-SM Datasheet
98Kb / 2P
   CX MINIATURE CRYSTALS
CX-6-SM1 EUROQUARTZ-CX-6-SM1 Datasheet
126Kb / 2P
   CX MINIATURE CRYSTALS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com