Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCC20AM1001JT3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LCC20AM1001JT3
Description  Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCC20AM1001JT3 Datasheet(HTML) 1 Page - Vishay Siliconix

  LCC20AM1001JT3 Datasheet HTML 1Page - Vishay Siliconix LCC20AM1001JT3 Datasheet HTML 2Page - Vishay Siliconix LCC20AM1001JT3 Datasheet HTML 3Page - Vishay Siliconix LCC20AM1001JT3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LCC, TLCC
Vishay Thin Film
Document Number: 60012
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 31-Jul-08
37
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Vishay Thin Film offers a wide resistance range in 16, 20,
and 24 terminal hermetic leadless chip carriers. The
standard circuits in the ohmic ranges listed below will utilize
the outstanding wraparound terminations developed for chip
resistors. Should one of the standards not fit your
application, consult the factory for a custom circuit.
FEATURES
• Lead (Pb)-free available
• High purity alumina substrate for high power
dissipation
• Leach resistant terminations with nickel barrier
• 16, 20, 24 terminal gold plated wraparound true
hermetic packaging
• Military/Aerospace
• Hermetically sealed
• Isolated/Bussed circuits
• Ideal for military/aerospace applications
TYPICAL PERFORMANCE
Resistance range: Noted on schematics
SCHEMATIC
* Pb containing terminations are not RoHS compliant, exemptions may apply
Actual Size
ABS
TRACKING
TCR
25
5
ABS
RATIO
TOL
0.1
NA
Available
Pb-free
RoHS*
COMPLIANT
(10 Isolated Resistors)
(19 Resistors + 1 Common Point)
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
10 9 8 7
15 16 1 2
14
11
12
13
3
6
5
4
21
1312 1110
9
22 23
1 2 3
14
15
16
17
18
8
7
6
5
4
24
19
20
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
13 12 11 10
9
22
24 1 2 3
19
20
16
17
18
8
7
6
5
4
23
14
15
21
10
9
8
7
15
1
2
11
12
13
14
6
3
5
4
16
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
10 9
8
7
15
1
2
16
11
12
13
14
3
6
5
4
13 12 11 10
9
22
24 1 2 3
19
20
16
17
18
8
7
6
5
4
23
14
15
21
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
TLCC 16 A01
1 k
Ω - 100 kΩ
TLCC 20 A01
10 - 200 k
Ω
TLCC 24 A01
1 k
Ω - 100 kΩ
TLCC 16 A03
100
Ω - 100 kΩ
TLCC 20 A03
10
Ω - 120 kΩ
TLCC 24 A03
1 k
Ω - 100 kΩ
TLCC 16 A06
100
Ω - 100 kΩ
TLCC 20 A06
1 k
Ω - 110 kΩ
TLCC 24 A06
1 k
Ω - 100 kΩ
10
Ω - 250 kΩ
10
Ω - 200 kΩ
LCC 20A
LCC 20B


Similar Part No. - LCC20AM1001JT3

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LCC2-14BW-CUST PANDUIT-LCC2-14BW-CUST Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
LCC2-14BW-Q PANDUIT-LCC2-14BW-Q Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
logo
Shanghai Leiditech Elec...
LCC24DT3 LEIDITECH-LCC24DT3 Datasheet
129Kb / 3P
   USB 2.0 power and data line
logo
Artesyn Technologies
LCC250-12U-4P ARTESYN-LCC250-12U-4P Datasheet
959Kb / 7P
   250 Watts Convection/Conduction Mounting
LCC250-12U-4PE ARTESYN-LCC250-12U-4PE Datasheet
959Kb / 7P
   250 Watts Convection/Conduction Mounting
More results

Similar Description - LCC20AM1001JT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SLCC VISHAY-SLCC Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 16-Jun-08
MPH VISHAY-MPH Datasheet
106Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
Revision: 05-May-08
LCC VISHAY-LCC_17 Datasheet
122Kb / 4P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
Revision: 14-Jul-16
MPH VISHAY-MPH_17 Datasheet
93Kb / 3P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
Revision: 20-Oct-11
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VTSRC-AC VISHAY-VTSRC-AC Datasheet
117Kb / 4P
   25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
Revision: 01-Jul-08
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com