Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFR25H0001JA1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MFR25H0001JA1
Description  Fusible, Non-Flammable Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFR25H0001JA1 Datasheet(HTML) 4 Page - Vishay Siliconix

  MFR25H0001JA1 Datasheet HTML 1Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 2Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 3Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 4Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 5Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 6Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 7Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 8Page - Vishay Siliconix MFR25H0001JA1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Document Number: 28737
For technical questions, contact: filmresistors.leaded@vishay.com
www.vishay.com
Revision: 21-Feb-08
129
NFR25/25H
Fusible, Non-Flammable Resistors
Vishay BCcomponents
The power that the resistor can dissipate depends on the operating
temperature.
The resistors will fuse without the risk of fire and within an indicated
range of overload. Fusing means that the resistive value of the
resistor increases at least 100 times.
The fusing characteristic is measured under constant voltage.
Maximum dissipation (
Pmax.) in percentage of rated power as a
function of the ambient temperature (
Tamb)
Derating
Fusing Characteristics
70
100
50
0
0
50
100
155
- 55
Tamb (°C)
Pmax.
(%
Prated)
103
102
10
1
10- 1
12
4
0
8
Poverload (W)
t
(s)
16
20
24
NFR25 This graph is based on measured data which may deviate
according to the application. Fusing Characteristics:
≤ 1 Ω
10 3
10 2
10
1
12
4
0
8
P
overload (W)
t
(s)
10 - 1
NFR25 This graph is based on measured data
which may deviate according to the application.
Fusing Characteristics: 1
Ω ≤ R ≤ 15 Ω
103
102
10
1
10 - 1
12
4
0
8
Poverload (W)
t
(s)
16
20
24
NFR25H This graph is based on measured data
which may deviate according to the application.
Fusing Characteristics:
≤ 1 Ω
10 3
10 2
10
1
12
4
0
8
Poverload (W)
t
(s)
10 - 1
NFR25 This graph is based on measured data
which may deviate according to the application.
Fusing Characteristics: 15
Ω ≤ R ≤ 15 kΩ
103
102
10
1
12
4
0
8
Poverload (W)
t
(s)
16
20
24
10- 1
NFR25H This graph is based on measured data
which may deviate according to the application.
Fusing Characteristic: 1
Ω ≤ R ≤ 15 kΩ


Similar Part No. - MFR25H0001JA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFR25S ETC1-MFR25S Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
More results

Similar Description - MFR25H0001JA1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JA500 VISHAY-NFR25H0004707JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
   Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
3M Electronics
98NF 3M-98NF Datasheet
273Kb / 2P
   Hi- Strength Non-Flammable 98NF Adhesive
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
   Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com