Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFR2500Z00JA1 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MFR2500Z00JA1
Description  Fusible, Non-Flammable Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFR2500Z00JA1 Datasheet(HTML) 8 Page - Vishay Siliconix

  MFR2500Z00JA1 Datasheet HTML 1Page - Vishay Siliconix MFR2500Z00JA1 Datasheet HTML 2Page - Vishay Siliconix MFR2500Z00JA1 Datasheet HTML 3Page - Vishay Siliconix MFR2500Z00JA1 Datasheet HTML 4Page - Vishay Siliconix MFR2500Z00JA1 Datasheet HTML 5Page - Vishay Siliconix MFR2500Z00JA1 Datasheet HTML 6Page - Vishay Siliconix MFR2500Z00JA1 Datasheet HTML 7Page - Vishay Siliconix MFR2500Z00JA1 Datasheet HTML 8Page - Vishay Siliconix MFR2500Z00JA1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 28737
For technical questions, contact: filmresistors.leaded@vishay.com
www.vishay.com
Revision: 21-Feb-08
133
NFR25/25H
Fusible, Non-Flammable Resistors
Vishay BCcomponents
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
NFR25
NFR25H
TESTS IN ACCORDANCE WITH THE SCHEDULE OF IEC PUBLICATION 60115-8
4.4.1
visual examination
no holes; clean surface; no damage
4.4.2
dimensions (outline)
gauge (mm)
see Dimensions Table
4.5
resistance
(refer note on first page for
measuring distance)
applied voltage (+ 0/- 10 %):
R - Rnom: max. ± 5 %
R < 10
Ω: 0.1 V
10
Ω≤ R < 100 Ω:0.3 V
100
Ω≤ R <1kΩ:1 V
1k
Ω≤ R <10kΩ:3V
10 k
Ω≤ R ≤ 15 kΩ:10 V
4.18
20 (Tb)
resistance to soldering
heat
thermal shock: 3 s; 350
°C;
3 mm from body
ΔR max.: ± (0.25 % R + 0.05 Ω)
4.29
45 (Xa)
component solvent
resistance
isopropyl alcohol or H2O followed by
brushing in accordance with
“MIL 202 F”
no visual damage
4.17
20 (Ta)
solderability
2 s; 235
°C
good tinning; no damage
4.7
voltage proof on insulation
URMS = 500 VRMS during
1 min; metal block method
no breakdown or flashover
4.16
21 (U)
robustness of terminations:
4.16.2
21 (Ua1)
tensile all samples
load 10 N; 10 s
number of failures < 10 x 10−6
4.16.3
21 (Ub)
bending half number of
samples
load 5 N; 4 x 90
°
number of failures < 10 x 10−6
4.16.4
21 (Uc)
torsion other half of
samples
3 x 360
° in opposite directions
no damage
ΔR max.: ± (0.25 % R + 0.05 Ω)
4.20
29 (Eb)
bump
3 x 1500 bumps in 3 directions; 40 g
no damage
ΔR max.: ± (0.25 % R + 0.05 Ω)
4.22
6 (Fc)
vibration
frequency 10 Hz to 500 Hz;
displacement 1.5 mm or acceleration
10 g; 3 directions; total 6 h
(3 x 2 h)
no damage
ΔR max.: ± (0.25 % R + 0.05 Ω)
4.19
14 (Na)
rapid change of
temperature
30 min at LCT and
30 min at UCT; 5 cycles
no visual damage
ΔR max.: ± (0.25 % + 0.05 Ω)
4.23
climatic sequence:
4.23.3
30 (Db)
damp heat (accelerated)
1st cycle
4.23.6
30 (Db)
damp heat (accelerated)
remaining cycles
6 days; 55
°C; 95 % to 98 % RH
Rins min.: 103 MW
ΔR max.: ± (1 % R + 0.05 Ω)
4.24.2
3 (Ca)
damp heat
(steady state) (IEC)
56 days; 40
°C; 90 %to95 %RH;
loaded with 0.01 Pn
(IEC steps: 4 to 100 V)
Rins max.: 1000 MΩ
ΔR max.: ± (1 % R + 0.05 Ω)
4.25.1
endurance (at 70
°C)
1000 h;
loaded with Pn or Vmax.;
1.5 h ON and 0.5 h OFF
ΔR max.: ± (1 % R + 0.05 Ω)
4.25.3
endurance at upper
category temperature
1000 h;
no load
ΔR max.: ± (1 % R + 0.05 Ω)
4.8.4.2
temperature coefficient
at 20/LCT/20
°C and
20/UCT/20
°C (TCR x 10−6/K):
0.22
Ω≤ R ≤ 4.7 Ω≤ ± 200 x 10-6/K
≤ ± 200 x 10-6/K
4.7
Ω < R ≤ 15 Ω≤ ± 200 x 10-6/K
≤ ± 100 x 10-6/K
15
Ω < R ≤ 15 kΩ≤ ± 100 x 10-6/K
≤ ± 100 x 10-6/K
4.12
noise
“IEC publication 60195”
< 0.1 µV/V
4.26
accidental overload
cheese-cloth
nonflammable
OTHER TESTS IN ACCORDANCE WITH IEC 60115 CLAUSES AND IEC 60068 TEST METHOD
4.17
20 (Ta)
solderability
(after ageing)
8 h steam or 16 h 155 °C;
leads immersed 6 mm
for 2± 0.5s
in a solder bath at 235 ± 5 °C
good tinning (
≥ 95 % covered);
no damage
4.6.1.1
insulation resistance
maximum voltage
Umax. DC = 500 V
after 1 min; metal block method
Rins min.: 104
see 2nd amendment
to “IEC 60115-1”, Jan.’87
pulse load
see the Pulse Loading Capabilities
graphs


Similar Part No. - MFR2500Z00JA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFR25S ETC1-MFR25S Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
More results

Similar Description - MFR2500Z00JA1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JA500 VISHAY-NFR25H0004707JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
   Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
3M Electronics
98NF 3M-98NF Datasheet
273Kb / 2P
   Hi- Strength Non-Flammable 98NF Adhesive
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
   Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com