Part Name
         Description
CX-1H-SM

 CX MINIATURE CRYSTALS ( 2 Page)


EUROQUARTZ
100% 
Zoom Out Zoom In
   
 2 page
background image
Order Code
CX-1H
“S” if special
or custom design
Blank if standard
Frequency
SM1
SM2
SM3
Calibration
Tolerance*
@ 25°C
A, B, C
32.768kHz
-SM1
Circuit Design
CX-1H-SM - Bulk Pack (Standard)
- 16mm tape, 178mm or 330mm reels (Optional)
per EIA 481
- Tray Pack (Optional)
Packaging
Temperature
Range:
C = Commercial
I = Industrial
M = Military
S = Specify
(A /
I )
C = Ceramic Lid
Blank = Glass Lid
*For other calibration
tolerances enter
figure in ppm
Terminations
Designation
SM1
Gold Plated
SM2
Nickel, Solder Plated
SM3
Nickel, Solder Plated and Solder Dipped
Termination
Conventional Series Oscillator Circuit
CX-1H Crystal
Buffer
Oscillator
Figure1-CX-1H Typical Motional Resistance (R )

1000
500
200
100
50
20
10
10
50
100 200
600
R1
(k )
9
Frequency (kHz)
10
50
100 200
600
Frequency (kHz)
C1
(fF)
5
2
1.0
0.5
Figure2-CX-1H Typical Motional Capacitance (C )

Figure3-CX-1H Typical Quality Factor (Q)
50
20
10
10
50
100 200
600
Frequency (kHz)
5
2
in '000s
18
50
100 200
600
Frequency (kHz)
0
-10
-20
+10
+20
+30
+40
+50
+60
+70
+80
To(°C)
Figure4-CX-1H Typical Turning Point Temp. (°C)
CX-1H-SM
10kHz to 600kHz
MINIATURE SMD CRYSTAL
FOR SERIES OSCILLATORS
CX-1H-SM
10kHz to 600kHz
MINIATURE SMD CRYSTAL
FOR SERIES OSCILLATORS
+44(0)1460 230000
+44(0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
EUROQUARTZ
CX MINIATURE CRYSTALS
Page
2of2



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ABM3CMICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT 1 Abracon Corporation
CX-1-03CX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
CX-1-03-32CX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
ABMC2MICROPROCESSOR CRYSTALS CERAMIC SURFACE MOUNT MINIATURE 1 Abracon Corporation
CX-1H-03CX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
CX-1HG-SMCX MINIATURE CRYSTALS 1 2 EUROQUARTZ limited
ABUCOMMUNICATION CRYSTALS ULTRA MINIATURE 1 Abracon Corporation
PLL602-30750kHz - 800MHz Low Phase Noise XO for 12 - 25MHz Crystals 1 2 3 4 5 MorePhaseLink Corporation
AWS200S2.0mm and 2.5mm Plastic SMD Crystals 1 List of Unclassifed Manufacturers
XT57C_07Quartz Crystals 1 2 3 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl