Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3EQHM57-F-32.768P-D0.5 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # 3EQHM57-F-32.768P-D0.5
Description  7 x 5 x 1.8mm SMD Spread Spectrum Ocillator, Low Jitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

3EQHM57-F-32.768P-D0.5 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  3EQHM57-F-32.768P-D0.5 Datasheet HTML 1Page - EUROQUARTZ limited 3EQHM57-F-32.768P-D0.5 Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 info@euroquartz.co.uk
www.euroquartz.co.uk
Low EMI Oscillators
7 x 5 x 1.8mm SMD Spread Spectrum Ocillator, Low Jitter
3EQHM57 Group ‘P’
DESCRIPTION
EQHM57 series low EMI oscillators can reduce system EMI by 15dB.
The oscillators are a ‘drop-in’ replacement for standard oscillators.
EMI reduction is achieved by the use of Spread Spectrum Technology
whereby the mode energy is spread over a wider bandwidth. The
modulation carrier frequency, operating in the kHz region, makes the
process transparent to the oscillator frequency. There is a choice of
modulation rates and spread to suit application requirements.
Provides up to 15dB reduction in system EMI
‘Drop-in’ replacement for standard clocks
Choice of modulation rate and spread
Miniature package: 7.0mm x 5.0mm x 1.8mm
Printers, Multiple Function Printers (MPCs)
Digital Copiers; PDAs
Networking: LAN/WAN; Routers
Storage Systems (CD-ROM, VCD, DVD, HDD)
Scanners; Modems; Projectors
Embedded Systems
Musical Instruments
Automotive: GPS car navigation systems
LCD PC Monitors; LSD TVs
ADSL; PCMCIA
Still Digital Cameras (SDCs)
APPLICATIONS
SPREAD SPECTRUM TECHNOLOGY
Unlike a conventional clock oscillator, in a Spread Spectrum Clock
Oscillator the mode energy is spread over a wider bandwidth. This is
achieved by the frequency modulation technique. The controlled
modulation process may be applied to the 'down' side of the nominal
frequency (known as DOWN SPREAD,) or spread equally either side
of nominal (CENTRE SPREAD). Down Spread is preferred if over-
clocking would cause a problem to the system.
MODULATION TYPES - EXAMPLES
Output amplitude (dB) vs. frequency span (MHz)
Page 1 of 2
In electrical systems the principal cause of electro-
magnetic interference (EMI) is the system clock
oscillator. Traditional methods of 'patching-up' systems
with too high a level of EMI is to use ferrite beads,
filters, ground planes, metal shielding and similar costly
methods, However, the most efficient and economic
method to reduce EMI is to reduce it at source: replace
the system clock ocillator with a low EMI clock oscillator.
Compared with conventional clock oscillators, Spread
Spectrum (Dithered) Oscillators can reduce EMI by as
much as 15dB. The part is a 'drop-in' replacement for a
standard clock oscillator hence there is no requirement
to re-design existing PCBs.


Similar Part No. - 3EQHM57-F-32.768P-D0.5

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
3EQHM57-FT-32.768R-C0.5 EUROQUARTZ-3EQHM57-FT-32.768R-C0.5 Datasheet
360Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
3EQHM57-FT-32.768R-C1.5 EUROQUARTZ-3EQHM57-FT-32.768R-C1.5 Datasheet
360Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
3EQHM57-FT-32.768R-D1.0 EUROQUARTZ-3EQHM57-FT-32.768R-D1.0 Datasheet
360Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
3EQHM57-FT-32.768R-D3.0 EUROQUARTZ-3EQHM57-FT-32.768R-D3.0 Datasheet
360Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
3EQHM57-FT-32.768Y-C0.5 EUROQUARTZ-3EQHM57-FT-32.768Y-C0.5 Datasheet
359Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
More results

Similar Description - 3EQHM57-F-32.768P-D0.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3EQHM57 ETC2-3EQHM57 Datasheet
360Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
logo
EUROQUARTZ limited
3EQHM57-BT-32.768R EUROQUARTZ-3EQHM57-BT-32.768R Datasheet
360Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
3EQHM57-BT-32.768Y EUROQUARTZ-3EQHM57-BT-32.768Y Datasheet
359Kb / 2P
   7 x 5 x 1.8mm SMD Spread Spectrum Clock Ocillator
3EQHM53-BT-32.768R EUROQUARTZ-3EQHM53-BT-32.768R Datasheet
368Kb / 2P
   5 x 3.2 x 1.2mm SMD Spread Spectrum Clock Ocillator
3EQHM53-BT-32.768Y EUROQUARTZ-3EQHM53-BT-32.768Y Datasheet
355Kb / 2P
   5 x 3.2 x 1.2mm SMD Spread Spectrum Clock Ocillator
EQHM44 EUROQUARTZ-EQHM44 Datasheet
350Kb / 2P
   11.4 x 9.6 x 4.7mm SMD Spread Spectrum Clock Ocillator
HM57P EUROQUARTZ-HM57P Datasheet
273Kb / 2P
   7 x 5 x 1.8mm SMD - Group P - Low Jitter
EQHM42 EUROQUARTZ-EQHM42 Datasheet
334Kb / 2P
   11.4 x 9.6 x 2.5mm SMD Spread Spectrum Clock Ocillator
GDA576 EUROQUARTZ-GDA576 Datasheet
117Kb / 1P
   7 x 5 x 1.8mm SMD
logo
MMD Components
SSIC2020H MMD-SSIC2020H Datasheet
105Kb / 2P
   5 x 7 Spread Spectrum Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com