Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFR2500000JA5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MFR2500000JA5
Description  Fusible, Non-Flammable Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFR2500000JA5 Datasheet(HTML) 2 Page - Vishay Siliconix

  MFR2500000JA5 Datasheet HTML 1Page - Vishay Siliconix MFR2500000JA5 Datasheet HTML 2Page - Vishay Siliconix MFR2500000JA5 Datasheet HTML 3Page - Vishay Siliconix MFR2500000JA5 Datasheet HTML 4Page - Vishay Siliconix MFR2500000JA5 Datasheet HTML 5Page - Vishay Siliconix MFR2500000JA5 Datasheet HTML 6Page - Vishay Siliconix MFR2500000JA5 Datasheet HTML 7Page - Vishay Siliconix MFR2500000JA5 Datasheet HTML 8Page - Vishay Siliconix MFR2500000JA5 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 28737
For technical questions, contact: filmresistors.leaded@vishay.com
www.vishay.com
Revision: 21-Feb-08
127
NFR25/25H
Fusible, Non-Flammable Resistors
Vishay BCcomponents
Notes:
(1) Please refer to table PACKAGING for details.
The PART NUMBER is shown to facilitate the introduction of a unified part numbering system for ordering products.
12NC - resistor type and packaging
TYPE
ORDERING CODE 23.. ... .....
BANDOLIER IN AMMOPACK
BANDOLIER
ON REEL
RADIAL TAPED
STRAIGHT LEADS
STRAIGHT LEADS
4000
UNITS
1000
UNITS
5000
UNITS
5000
UNITS
NFR25
06 204 03...
22 205 13...
22 205 33...
22 205 23...
NFR25H
06 207 03...
22 207 13...
22 207 33...
22 207 23...
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: NFR2500002207JA100
MODEL/SIZE
SPECIAL CHARACTER
TCR/MATERIAL
VALUE
TOLERANCE
PACKAGING (1)
SPECIAL
NFR2500
NFR25H0
0 = Neutral
Z = Value overflow
(Special)
0 = Standard
3 digit value
1 digit multiplier
MULTIPLIER
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
J = ± 5 %
N4
A5
A1
R5
The 2 digits
are used for
all special
parts.
00 = Standard
PRODUCT DESCRIPTION: NFR25 5 % A1 R22
NFR25
5 %
A1
R22
MODEL/SIZE
TOLERANCE
PACKAGING (1)
RESISTANCE VALUE
NFR25
NFR25H
± 5 %
N4
A5
A1
R5
1K0 = 1 k
Ω
4R7 = 4.7
Ω
PACKAGING
CODE
PIECES
DESCRIPTION
MODEL/SIZE
N4
4000
Bandolier in ammopack radial taped
NFR25, NFR25H
A5
5000
Bandolier in ammopack straight leads
A1
1000
Bandolier in ammopack straight leads
R5
5000
Bandolier on reel straight leads
25
R
F
N0
0
0
0
2
2
0
7
J
A
1
0
0


Similar Part No. - MFR2500000JA5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFR25S ETC1-MFR25S Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
More results

Similar Description - MFR2500000JA5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H0001008JA500 VISHAY-NFR25H0001008JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JA500 VISHAY-NFR25H0004707JA500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004707JR500 VISHAY-NFR25H0004707JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
NFR25H0004708JR500 VISHAY-NFR25H0004708JR500 Datasheet
773Kb / 10P
   Fusible, Non-Flammable Metal Film Leaded Resistors
Revision: 30-Mar-10
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
   Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
3M Electronics
98NF 3M-98NF Datasheet
273Kb / 2P
   Hi- Strength Non-Flammable 98NF Adhesive
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
   Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com