Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40MT160PBPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 40MT160PBPBF
Description  Three Phase Bridge (Power Module) 45 A to 100 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40MT160PBPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  40MT160PBPBF Datasheet HTML 1Page - Vishay Siliconix 40MT160PBPBF Datasheet HTML 2Page - Vishay Siliconix 40MT160PBPBF Datasheet HTML 3Page - Vishay Siliconix 40MT160PBPBF Datasheet HTML 4Page - Vishay Siliconix 40MT160PBPBF Datasheet HTML 5Page - Vishay Siliconix 40MT160PBPBF Datasheet HTML 6Page - Vishay Siliconix 40MT160PBPBF Datasheet HTML 7Page - Vishay Siliconix 40MT160PBPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94538
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 13-Aug-08
5
MTP 3-Phase PbF Rectifier Series
Three Phase Bridge
(Power Module) 45 A to 100 A
Vishay High Power Products
Fig. 10 - Current Rating Nomogram (1 Module Per Heatsink)
Fig. 11 - Current Rating Characteristics
Fig. 12 - On-State Voltage Drop Characteristics
Fig. 13 - Maximum Non-Repetitive Surge Current
Fig. 14 - Maximum Non-Repetitive Surge Current
Maximum Allowable Ambient Temperature (°C)
Total Output Current (A)
030
60
90
120
150
0.3
K/W
0.4
K/W
0.5
K/W
1 K/W
0.2
K/W
0
50
100
150
200
250
300
020
40
60
80
120˚
(Rect)
Tj = 150˚C
70MT...P
Total Output Current (A)
40
60
80
100
120
140
40 50 60 70 80 90 100 110 120 130
120˚
(Rect)
Per Module
100MT...P
R
(DC) = 0.19 K/W
thJC
Instantaneous On-state Voltage (V)
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
4
Tj = 150˚C
Tj = 25˚C
100MT...P
Number Of Equal Amplitude Half Cycle Current Pulses (N)
100
150
200
250
300
350
400
110
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 125˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
100MT...P
Per Junction
Pulse Train Duration(s)
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Initial T j = 125˚C
No Voltage Reapplied
Rated V rrm Reapplied
Of Conduction May Not Be Maintained.
100MT...P
Per Junction


Similar Part No. - 40MT160PBPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40MT160PB IRF-40MT160PB Datasheet
121Kb / 8P
   THREE PHASE BRIDGE
40MT160PB IRF-40MT160PB Datasheet
129Kb / 8P
   THREE PHASE BRIDGE
More results

Similar Description - 40MT160PBPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
100MT1.0P.PBF VISHAY-100MT1.0P.PBF Datasheet
191Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
Revision: 10-Mar-10
40MT140P VISHAY-40MT140P Datasheet
190Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
Revision: 10-Mar-10
100MT1.0P.PBF VISHAY-100MT1.0P.PBF_V01 Datasheet
199Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
02-Oct-12
VS-40MT160P-P VISHAY-VS-40MT160P-P_V01 Datasheet
240Kb / 9P
   MTP PressFit Power Module Three Phase Bridge, 45 A to 100 A
01-Jan-2022
VS-40MT160P-P VISHAY-VS-40MT160P-P_V02 Datasheet
240Kb / 9P
   MTP PressFit Power Module Three Phase Bridge, 45 A to 100 A
01-Jan-2023
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V01 Datasheet
172Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2022
VS-70MT160PBPBF VISHAY-VS-70MT160PBPBF Datasheet
1Mb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 30-Oct-13
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V02 Datasheet
171Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2023
200MT40KPBF VISHAY-200MT40KPBF Datasheet
111Kb / 5P
   Three Phase Bridge (Power Module), 200 A
Revision: 29-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com