Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y1748120K500S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Y1748120K500S
Description  Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1748120K500S Datasheet(HTML) 2 Page - Vishay Siliconix

  Y1748120K500S Datasheet HTML 1Page - Vishay Siliconix Y1748120K500S Datasheet HTML 2Page - Vishay Siliconix Y1748120K500S Datasheet HTML 3Page - Vishay Siliconix Y1748120K500S Datasheet HTML 4Page - Vishay Siliconix Y1748120K500S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HZ Series (Z-Foil)
Vishay Foil Resistors
Hermetically Sealed Ultra High Precision Z-Foil
Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance
of ± 0.001 % and Load Life Stability of ± 0.005 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63120
2
Revision: 17-Jun-08
Notes
*
Available in a 4-lead terminal: VHA512 please use 302073Z
VHA516 please use 302074Z
VHA518 please use 302075Z
** 0.375 H available
See next page for numbered footnotes
TABLE 2 - MODEL SELECTION
MODEL
NUMBER
RESISTANCE
RANGE
(
Ω)
STANDARD RESISTANCE
TOLERANCE
MAXIMUM
WORKING
VOLTAGE2)
POWER
RATING
at + 25 °C
AVERAGE
WEIGHT
(g)
CONSTRUCTION
BRIEF
DIMENSIONS3)
TIGHTEST
(
Ω)
LOOSEST
(%)
INCHES
mm
VHP202Z
VHP202ZJ
10 to 66k
66K to 100K
300
0.3 W
0.2 W
1.4
Oil-filled, tinned
copper leads, nickel
shell, kovar and
glass header
W: 0.185 ± 0.020
L: 0.435 ± 0.020
H: 0.430 ± 0.020**
LL: 1.000 ± 0.125
LS: 0.150 ± 0.0104)
ST: 0.095 Max.
4.70 ± 0.51
11.05 ± 0.51
10.92 ± 0.51
25.4 ± 3.18
3.81 ± 0.25
2.41 Max.
VHA412Z
10 to 66K
66K to 100K
250
0.3 W
0.2 W
4.6
Oil-filled,
tinned copper
leads, tinned brass
shell, kovar and
glass end bells
L: 0.625 ± 0.031
D: 0.375 ± 0.031
LL: 1.000 Min.
15.88 ± 0.79
9.53 ± 0.79
25.4 Min.
VHA414Z
5 to 120K
> 120K to 200K
1K to
1)
500 to < 1K
50 to < 500
30 to < 50
20 to < 30
10 to < 20
5 to < 10
± 0.001 ± 0.1
± 0.0025 ± 0.1
± 0.005 ± 0.1
± 0.01 ± 0.1
± 0.02 ± 0.1
± 0.05 ± 0.1
± 0.1 ± 0.1
350
0.5 W
0.3 W
7.3
L: 1.000 ± 0.031
D: 0.375 ± 0.031
LL: 1.000 Min.
25.4 ± 0.79
9.53 ± 0.79
25.4 Min.
VHA512Z*
5 to 180K
180K to 300K
350
0.75 W
0.4 W
6.3
L: 0.625 ± 0.031
D: 0.500 ± 0.031
LL: 1.000 Min.
15.88 ± 0.79
12.7 ± 0.79
25.4 Min.
VHA516-4Z*
VHA516-5Z*
VHA516-6Z*
5 to 240K
> 240K to 400K
5 to 300K
> 300K to 500K
5 to 360K
> 360K to 600K
500
1.0 W
0.5 W
1.25 W
0.6 W
1.5 W
0.7 W
9.2
L: 1.000 ± 0.031
D: 0.500 ± 0.031
LL: 1.000 Min.
25.4 ± 0.79
12.7 ± 0.79
25.4 Min.
VHA518-7Z*
VHA518-8Z*
VHA518-9Z*
VHA518-10Z*
VHA518-11Z*
5 to 420K
> 420K to 700K
5 to 480K
> 480K to 800K
5 to 540K
> 540K to 900K
5 to 600K
> 600K to 1.0M
5 to 660K
> 660K to 1.1M
600
1.75 W
0.8 W
2.0 W
0.9 W
2.25 W
1.0 W
2.5 W
1.1 W
2.5 W
1.2 W
13.5
L: 1.500 ± 0.031
D: 0.500 ± 0.031
LL: 1.000 Min.
38.1 ± 0.79
12.7 ± 0.79
25.4 Min.
FIGURE 2 - TYPICAL TCR CURVE Z-FOIL
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
∆R
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
FIGURE 3 - POWER DERATING CURVE
+ 100
+ 75
+ 50
+ 25
0
- 50
- 25
0
+ 25 + 50 + 75 + 100 + 125 + 150 + 175
- 55 °C
Ambient Temperature (°C)


Similar Part No. - Y1748120K500S

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
Y171110-0TS1384 ADVANTECH-Y171110-0TS1384 Datasheet
1Mb / 3P
   2U4N Rackmount Server, Designed for Hyper-converged and HPC Application
10-Feb-2020
logo
List of Unclassifed Man...
Y1757 ETC-Y1757 Datasheet
27Kb / 1P
   DIE SET ENVELOPE DRAWING
More results

Similar Description - Y1748120K500S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
VSM VISHAY-VSM Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com