Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y0029150R000A29L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Y0029150R000A29L
Description  Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y0029150R000A29L Datasheet(HTML) 2 Page - Vishay Siliconix

  Y0029150R000A29L Datasheet HTML 1Page - Vishay Siliconix Y0029150R000A29L Datasheet HTML 2Page - Vishay Siliconix Y0029150R000A29L Datasheet HTML 3Page - Vishay Siliconix Y0029150R000A29L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VTA52 through 56, VMTA55, VMTB60
Vishay Foil Resistors
Bulk Metal® Foil Technology
Tubular Axial-Lead Resistors, Meets or Exceed
MIL-R-39005 Requirements
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63011
2
Revision: 05-Jun-07
FIGURE 2 - VTA/VMTA SERIES STANDARD PRINTING
VTA52V4
0720
VISHAY
Model Number
VTA52
TCR Designation
V4
Resistance Value
200 k
Ω
Tolerance
200K00
0.02 %
Date Code
A
B
D
C
07
year
week
20
FIGURE 3 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
TABLE 3 - VTA/VMTX DIMENSIONS
VISHAY
MODEL
MIL
SIZE
BODY
LEAD
LENGTH (A)
DIAMETER (B)
LENGTH (C)
DIAMETER (D)
INCH
mm
INCH
mm
INCH
mm
INCH
mm
VTA56
RBR56
0.356
9.04
0.260
6.60
1.5 Minimum
38.10
0.032
0.81
VTA55
RBR55
0.500 ± 0.020
12.70 ± 0.51
0.260
6.60
1.5 Minimum
38.10
0.032
0.81
VTA54
RBR54
0.750
19.05
0.260
6.60
1.5 Minimum
38.10
0.032
0.81
VTA53
RBR53
0.750 ± 0.020
19.05 ± 0.51
0.375
± 0.015
9.53
± 0.38
1.5 Minimum
38.10
0.032
0.81
VTA52
RBR52
1.000
25.40
0.375
± 0.015
9.53
± 0.38
1.35 Minimum
34.29
0.032
0.81
VMTA55
RNC55
0.270 ± 0.005
6.86 ± 0.13
0.120
3.05
1.5 Minimum
38.10
0.025
0.64
VMTB60
RNC60
0.375 ± 0.005
9.53 ± 0.13
0.160
± 0.005
4.06
± 0.13
1.5 Minimum
38.10
0.025
0.64
+ 0.005
- 0.010
--------------------
+ 0.13
- 0.25
----------------
+ 0.005
- 0.015
--------------------
+ 0.13
- 0.38
----------------
+ 0.005
- 0.010
--------------------
+ 0.13
- 0.25
----------------
+ 0.020
- 0.032
--------------------
+ 0.51
- 0.81
----------------
+ 0.005
- 0.010
--------------------
+ 0.13
- 0.25
----------------
+ 0.020
- 0.032
--------------------
+ 0.51
- 0.81
----------------
+ 0.005
- 0.010
--------------------
+ 0.13
- 0.25
----------------
FIGURE 4 - TEMPERATURE COEFFICIENT OF RESISTANCE
+ 400
+ 200
0
- 200
- 400
0
+ 25
- 140
Temperature, °C
+ 140
+ 100
- 100
ΔR
R
(ppm)
+ 60
+ 4 ppm/°C
- 4 ppm/°C


Similar Part No. - Y0029150R000A29L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y0020100K250A0L VISHAY-Y0020100K250A0L Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
Y0020100K250A9L VISHAY-Y0020100K250A9L Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
Y0020100K250B0L VISHAY-Y0020100K250B0L Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
Y0020100K250B9L VISHAY-Y0020100K250B9L Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
Y0020100K250C0L VISHAY-Y0020100K250C0L Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
More results

Similar Description - Y0029150R000A29L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
RNC90Z VISHAY-RNC90Z Datasheet
115Kb / 5P
   Z-Bulk Metal® Foil Technology RNC90Z to MIL-PRF-55182/9
Revision: 28-Aug-08
1240 VISHAY-1240 Datasheet
152Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Meet or Exceed the Requirements of MIL-PRF-39035, Char. H
Revision: 17-Jun-08
1260 VISHAY-1260 Datasheet
113Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, 3/8 Inch Square, RJ24 Style, Designed to Meet or Exceed the Requirements of MIL-PRF-39035, Char. H
Revision: 29-Feb-08
RNC90Y VISHAY-RNC90Y Datasheet
303Kb / 5P
   Bulk Metal® Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 03-Sep-08
1202 VISHAY-1202 Datasheet
137Kb / 6P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to Meet or Exceed The Requirements of MIL-PRF-22097, Char. F
Revision: 13-Nov-07
VSM0805 VISHAY-VSM0805 Datasheet
66Kb / 2P
   Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
Revision 17-Aug-04
VCS2516 VISHAY-VCS2516 Datasheet
92Kb / 2P
   Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
Revision 26-Jan-05
VSR144 VISHAY-VSR144 Datasheet
40Kb / 2P
   Bulk Metal® Foil Technology Industrial Grade Miniature Voltage Divider
Revision 05-Aug-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com