Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPWA0011000BF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XPWA0011000BF
Description  Thin Film Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XPWA0011000BF Datasheet(HTML) 1 Page - Vishay Siliconix

  XPWA0011000BF Datasheet HTML 1Page - Vishay Siliconix XPWA0011000BF Datasheet HTML 2Page - Vishay Siliconix XPWA0011000BF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PWA
www.vishay.com
Vishay Electro-Films
Revision: 29-Apr-15
1
Document Number: 61019
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Power Resistors
Product may not be to scale
The PWA series resistor chips offer a 500 mW power rating
in a small size. These offer one of the best combinations of
size and power available.
The PWAs are manufactured using Vishay Electro-Films
(EFI) sophisticated thin film equipment and manufacturing
technology. The PWAs are 100 % electrically tested and
visually inspected to MIL-STD-883, method 2032, class H or
class K.
FEATURES
• Wire bondable
• 500 mW power
• Chip size: 0.030" x 0.045"
• Case: 0503
• Resistance range 0.3
 to 1 M
• Oxidized silicon substrate for good power
dissipation
• Resistor material: Tantalum nitride, self-passivating
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
The PWA resistor chips are used mainly in higher power
circuits of amplifiers where increased power loads require a
more specialized resistor.
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
0.3 to 1M
Standard Tolerances
± 0.1, ± 0.5, ± 1, ± 5
%
TCR
± 25, ± 50, ± 100, ± 150
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
100
 to 250 k
< 100
 or > 251 k
-35 typ.
-20 typ.
dB
Moisture Resistance, MIL-STD-202, Method 106
± 0.5 max.
R/R
%
Stability, 1000 h, +125 °C, 250 mW
± 0.5 max.
R/R
%
Operating Temperature Range
-55 to +125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.1 max.
R/R
%
High Temperature Exposure, +150 °C, 100 h
± 0.2 max.
R/R
%
Dielectric Voltage Breakdown
200
V
Insulation Resistance
1012 min.
Operating Voltage
Steady State
5 x Rated Power
100 max.
200 max.
V
DC Power Rating at + 70 °C (Derated to zero at + 175 °C)
(Conductive epoxy die attach to alumina substrate)
0.5
W
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.1 max.
R/R
%
0.1 %
± 150 ppm/°C
± 50 ppm/°C
± 100 ppm/°C
0.5 %
25
Ω
0.3
Ω
± 25 ppm/°C
2
Ω
5
Ω
100
Ω
1 %
5 %
Tightest Standard Tolerance Available
*600, - 100 ppm R < 2
Ω, ± 250 ppm for 2 Ω to 5 Ω
300 k
Ω 1 MΩ
200 k
Ω 500 kΩ


Similar Part No. - XPWA0011000BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
XPW4R10ANB TOSHIBA-XPW4R10ANB Datasheet
635Kb / 12P
   Silicon N-channel MOS (U-MOS-H)
2020-10-09 Rev.1.0
XPW6R30ANB TOSHIBA-XPW6R30ANB Datasheet
633Kb / 12P
   Silicon N-channel MOS (U-MOS-H)
2020-06-24 Rev.5.0
logo
Vishay Siliconix
XPWB00010000D VISHAY-XPWB00010000D Datasheet
104Kb / 3P
   Thin Film Power Resistors
Revision: 12-Mar-08
XPWB00010000F VISHAY-XPWB00010000F Datasheet
104Kb / 3P
   Thin Film Power Resistors
Revision: 12-Mar-08
XPWB00010000G VISHAY-XPWB00010000G Datasheet
104Kb / 3P
   Thin Film Power Resistors
Revision: 12-Mar-08
More results

Similar Description - XPWA0011000BF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PWB VISHAY-PWB Datasheet
104Kb / 3P
   Thin Film Power Resistors
Revision: 12-Mar-08
logo
Riedon Powertron
PF2270 RIEDON-PF2270 Datasheet
252Kb / 2P
   Thin Film Power Resistors
logo
Vishay Siliconix
PWB VISHAY-PWB Datasheet
87Kb / 3P
   Thin Film Power Resistors
Revision: 12-Mar-08
logo
List of Unclassifed Man...
TNP10 ETC2-TNP10 Datasheet
1Mb / 2P
   Power Thin film Resistors
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
80Kb / 3P
   Thin Film Power Resistors
Revision: 29-Apr-15
logo
Riedon Powertron
PF2270 RIEDON-PF2270_15 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2272-0R5J1 RIEDON-PF2272-0R5J1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2272-1KJ1 RIEDON-PF2272-1KJ1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2272-50RJ1 RIEDON-PF2272-50RJ1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2272-10RJ1 RIEDON-PF2272-10RJ1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com