Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y4485V0077AT0W Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Y4485V0077AT0W
Description  Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage Divider
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y4485V0077AT0W Datasheet(HTML) 3 Page - Vishay Siliconix

  Y4485V0077AT0W Datasheet HTML 1Page - Vishay Siliconix Y4485V0077AT0W Datasheet HTML 2Page - Vishay Siliconix Y4485V0077AT0W Datasheet HTML 3Page - Vishay Siliconix Y4485V0077AT0W Datasheet HTML 4Page - Vishay Siliconix Y4485V0077AT0W Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 63121
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 06-Aug-07
3
DSMZ (Z-Foil)
Ultra High Precision Bulk Metal® Z-Foil Surface Mount
Voltage Divider, TCR Tracking of < 0.1 ppm/°C, PCR of
± 5 ppm at Rated Power and Stability of ± 0.005 % (50 ppm)
Vishay Foil Resistors
TABLE 2 - PERFORMANCE SPECIFICATIONS (Test Method Per MIL-PRF-914)
SPECIFICATIONS
TYPICAL LIMITS
Power rating at 70 °C
Entire package: 0.1 W
Each resistor: 0.05 W
Maximum Working Voltage (each resistor)
25 V
Working Temperature Range
- 65 °C to + 125 °C
Thermal Shock
ΔR = 0.01 % (100 ppm)
25 x (- 65 °C to + 125 °C)
ΔRatio = 0.005 % (50 ppm)
Thermal Shock
5 x (- 65 °C to + 125 °C) and
ΔR = 0.015 % (150 ppm)
Power Conditioning
ΔRatio = 0.01 % (100 ppm)
1.5 rated power at 25 °C, 100 hours
DWV atmospheric pressure, 200 V (A.C.), 1 minute
Successfully passed
Insulation Resistance 100 V (D.C.), 1 minute
> 104 M
Ω
Resistance to Soldering Heat
ΔR = 0.01 % (100 ppm)
ΔRatio = 0.005 % (50 ppm)
Moisture Resistance
ΔR = 0.02 % (200 ppm)
+ 65 °C to - 10 °C; 90 % to 98 % RH; 0.1 x rated power, 240 hours
ΔRatio = 0.005 % (50 ppm)
Shock (Specified Pulse)
ΔR = 0.005 % (50 ppm)
100 G
ΔRatio = 0.0025 % (25 ppm)
Vibration, High Frequency
ΔR = 0.01 % (100 ppm)
(10 Hz - 2000 Hz), 20 G
ΔRatio = 0.005 % (50 ppm)
High Temperature Exposure
ΔR = 0.01 % (100 ppm)
100 hours at 125 °C
ΔRatio = 0.005 % (50 ppm)
Low Temperature Storage
ΔR = 0.005 % (50 ppm)
24 hours at - 65 °C
ΔRatio = 0.005 % (50 ppm)
Load Life Stability
ΔR = 0.005 % (50 ppm)
2000 hours at + 70 °C; rated power
ΔRatio = 0.005 % (50 ppm)
Short Time Overload
ΔR = 0.005 % (50 ppm)
6.25 x Rated Power; 5 seconds
ΔRatio = 0.0025 % (25 ppm)
Low Temperature Operation
ΔR = 0.005 % (50 ppm)
ΔRatio = 0.0025 % (25 ppm)
Weight
0.04 g


Similar Part No. - Y4485V0077AT0W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y4485V0001AT9R VISHAY-Y4485V0001AT9R Datasheet
420Kb / 5P
   Ultra High Precision Bulk Metal Z-Foil Surface Mount Voltage Divider
Revision: 25-Mar-10
More results

Similar Description - Y4485V0077AT0W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y4485V0001AT9R VISHAY-Y4485V0001AT9R Datasheet
420Kb / 5P
   Ultra High Precision Bulk Metal Z-Foil Surface Mount Voltage Divider
Revision: 25-Mar-10
E102Z VISHAY-E102Z Datasheet
95Kb / 3P
   Ultra High Precision Bulk Metal® Z-Foil Extended Value Range Resistor
Revision: 28-Feb-08
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
VSR144 VISHAY-VSR144 Datasheet
40Kb / 2P
   Bulk Metal® Foil Technology Industrial Grade Miniature Voltage Divider
Revision 05-Aug-02
300144Z VISHAY-300144Z Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
   Ultra High Precision Z-Foil Molded Surface Mount Resistor
Revision: 30-Jul-07
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
VSMD1505 VISHAY-VSMD1505 Datasheet
71Kb / 2P
   Bulk Metal Foil Technology Miniature, Ultimate Tracking Surface Mount Divider
Revision 24-Oct-02
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
VFB1012D VISHAY-VFB1012D Datasheet
137Kb / 5P
   Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking,
Revision: 18-Apr-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com