Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06033U100DA2A Datasheet(PDF) 2 Page - AVX Corporation

Part # 06033U100DA2A
Description  RF/Microwave C0G (NP0) Capacitors (RoHS)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

06033U100DA2A Datasheet(HTML) 2 Page - AVX Corporation

  06033U100DA2A Datasheet HTML 1Page - AVX Corporation 06033U100DA2A Datasheet HTML 2Page - AVX Corporation 06033U100DA2A Datasheet HTML 3Page - AVX Corporation 06033U100DA2A Datasheet HTML 4Page - AVX Corporation 06033U100DA2A Datasheet HTML 5Page - AVX Corporation 06033U100DA2A Datasheet HTML 6Page - AVX Corporation 06033U100DA2A Datasheet HTML 7Page - AVX Corporation 06033U100DA2A Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
127
7
RF/Microwave C0G (NP0)
Capacitors (RoHS)
Ultra Low ESR, “U” Series, C0G (NP0) Chip Capacitors
ULTRA LOW ESR, “U” SERIES
3.9 pF
4.7 pF
5.1 pF
6.8 pF
10.0 pF
15.0 pF
1
0.1
0.01
0
500
1000
1500
2000
2500
Frequency (MHz)
TYPICAL ESR vs. FREQUENCY
0603 “U” SERIES
10 pF
15 pF
3.3 pF
1
0.1
0.01
0
500
1000
1500
2000
2500
Frequency (MHz)
TYPICAL ESR vs. FREQUENCY
0402 “U” SERIES
10.0 pF
100 pF
1
0.1
0.01
0
500
1000
1500
2000
2500
Frequency (MHz)
TYPICAL ESR vs. FREQUENCY
0805 “U” SERIES
10 pF
100 pF
300 pF
1
0.1
0.01
0
500
1000
1500
2000
Frequency (MHz)
TYPICAL ESR vs. FREQUENCY
1210 “U” SERIES
ESR Measured on the Boonton 34A
CAPACITANCE RANGE
Available
Size
Cap (pF) Tolerance 0402 0603 0805 1210
0.2
B,C
50V
N/A
N/A
N/A
0.3
0.4
0.5
B,C
0.6
B,C,D
0.7
0.8
0.9
B,C,D
Available
Size
Cap (pF) Tolerance 0402 0603 0805 1210
1.0
B,C,D
50V 200V 200V 200V
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
B,C,D
6.8
B,C,J,K,M
Available
Size
Cap (pF) Tolerance 0402 0603 0805 1210
7.5
B,C,J,K,M 50V 200V 200V 200V
8.2
9.1
B,C,J,K,M
10
F,G,J,K,M
11
12
13
15
18
200V
20
100V
22
24
27
30
50V
33
N/A
36
39
43
47
51
56
68
75
82
91
Available
Size
Cap (pF) Tolerance 0402 0603 0805 1210
100
F,G,J,K,M N/A 100V 200V 200V
110
50V
120
50V
130
N/A 200V
140
100V
150
160
100V
180
N/A
200
220
270
300
330
360
390
430
200V
470
100V
510
560
620
680
750
820
910
1000
F,G,J,K,M


Similar Part No. - 06033U100DA2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06033U100DAT2A AVX-06033U100DAT2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
06033U100DAT2A AVX-06033U100DAT2A Datasheet
156Kb / 6P
   RF/Microwave C0G Capacitors
06033U100DAT2A AVX-06033U100DAT2A Datasheet
156Kb / 6P
   Ultra Low ESR, U Series, C0G (NP0) Chip Capacitors
06033U100DAT4A AVX-06033U100DAT4A Datasheet
156Kb / 6P
   RF/Microwave C0G Capacitors
06033U100DAT4A AVX-06033U100DAT4A Datasheet
156Kb / 6P
   Ultra Low ESR, U Series, C0G (NP0) Chip Capacitors
More results

Similar Description - 06033U100DA2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CU01 AVX-CU01 Datasheet
238Kb / 2P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
12105U471JAT2A AVX-12105U471JAT2A Datasheet
156Kb / 6P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
12101U160JAT2A AVX-12101U160JAT2A Datasheet
166Kb / 6P
   RF Microwave C0G (NP0) Capacitors (RoHS)
08051U100JAT2A AVX-08051U100JAT2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
08052U220JAT2A AVX-08052U220JAT2A Datasheet
156Kb / 6P
   RF/Microwave C0G Capacitors
04025U220C4T2A AVX-04025U220C4T2A Datasheet
156Kb / 6P
   RF/Microwave C0G
04025A2R4CAT2A AVX-04025A2R4CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A2R7JAT2A AVX-04025A2R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A3R9BAT2A AVX-04025A3R9BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7JAT2A AVX-04025A4R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com