Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN815-800H-TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # TN815-800H-TR
Description  8A SCRs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN815-800H-TR Datasheet(HTML) 9 Page - STMicroelectronics

  TN815-800H-TR Datasheet HTML 1Page - STMicroelectronics TN815-800H-TR Datasheet HTML 2Page - STMicroelectronics TN815-800H-TR Datasheet HTML 3Page - STMicroelectronics TN815-800H-TR Datasheet HTML 4Page - STMicroelectronics TN815-800H-TR Datasheet HTML 5Page - STMicroelectronics TN815-800H-TR Datasheet HTML 6Page - STMicroelectronics TN815-800H-TR Datasheet HTML 7Page - STMicroelectronics TN815-800H-TR Datasheet HTML 8Page - STMicroelectronics TN815-800H-TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TN8, TS8 and TYNx08 Series
9/9
PACKAGE MECHANICAL DATA
TO-220AB (Without notches)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90
0.598
0.625
a1
3.75
0.147
a2
13.00
14.00
0.511
0.551
B
10.00
10.40
0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
I
3.75
3.85
0.147
0.151
I4
15.80
16.40
16.80
0.622
0.646
0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
M
2.60
0.102
M
B
l4
C
b2
a2
l2
c2
l3
b1
a1
A
F
L
I
e
c1
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Isreal - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com


Similar Part No. - TN815-800H-TR

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
TN815-800H KERSEMI-TN815-800H Datasheet
486Kb / 9P
   8A SCR
TN815-800H KERSEMI-TN815-800H Datasheet
487Kb / 9P
   8A SCRs
More results

Similar Description - TN815-800H-TR

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
TN805-600B-TR KERSEMI-TN805-600B-TR Datasheet
487Kb / 9P
   8A SCRs
logo
STMicroelectronics
TN8 STMICROELECTRONICS-TN8_06 Datasheet
125Kb / 10P
   8A SCRS
logo
Tiger Electronic Co.,Lt...
TS820-600B-TR TGS-TS820-600B-TR Datasheet
102Kb / 1P
   8A SCRs
TS820-600T TGS-TS820-600T Datasheet
98Kb / 1P
   8A SCRs
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com