Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM32ER61C476K Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM32ER61C476K
Description  Chip Monolithic Ceramic Capacitor 1210 X5R 47關F 16V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM32ER61C476K Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM32ER61C476K Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip Monolithic Ceramic Capacitor
Electrical Characteristics Data
Murata Global Part No : GRM32ER61C476K
1. Dimension
3. Impedance/ESR - Frequency
Equipment: 4294A(16044A)
( mm)
LW
T
3.2+/-0.3
2.5+/-0.2
2.5+/-0.2
2. Cap,DF,IR
Capacitance,DF 120Hz , 0.5Vrms
IR
16V , 60s
Item
Spec
Cap.[
μF]
42.3 to 51.7
DF
0.1 max
IR[M ohm]
1.06 min
Frequency (MHz)
4. Capacitance - Temperature Characteristics
5. Temperature Rise - Ripple Current
Equipment:
4284A
(Only for reference)
Equipment:
CVHF-400
Temperature (deg.C)
Current (Arms)
6. Capacitance - DC Voltage Characteristics
7. Capacitance - AC Voltage Characteristics
Equipment:
4284A
Equipment:
4284A
Voltage (Vdc)
Voltage (Vrms)
This PDF has only typical specifications because there is no space for detailed specifications.
Therefore, please approve our product specification or transact the approval sheet for product specification
before ordering. Product specifications in this PDF are as of Oct 2005.
They are subject to change or our products in it may be discontinued without advance notice
1210 X5R 47
μF 16V
0.0001
0.001
0.01
0.1
1
10
100
1000
0.0001
0.001
0.01
0.1
1
10
Impedance
ESR
-100
-80
-60
-40
-20
0
20
40
-75
-50
-25
0
25
50
75
100
125
150
No Bias
-100
-80
-60
-40
-20
0
20
0
5
10
15
20
-60
-50
-40
-30
-20
-10
0
10
20
30
0
0.5
1
1.5
2
2.5
0.1
1
10
100
0
0.5
1
1.5
2
2.5
3
100kHz
500kHz
1MHz
T
W
L


Similar Part No. - GRM32ER61C476K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM32ER61C476KE15 MURATA1-GRM32ER61C476KE15 Datasheet
780Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
logo
Richtek Technology Corp...
GRM32ER61C476KE15 RICHTEK-GRM32ER61C476KE15 Datasheet
2Mb / 32P
   Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
July 2023
GRM32ER61C476KE15 RICHTEK-GRM32ER61C476KE15 Datasheet
2Mb / 32P
   Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
May 2023
logo
Murata Manufacturing Co...
GRM32ER61C476KE15K MURATA1-GRM32ER61C476KE15K Datasheet
780Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
logo
Murata Manufacturing Co...
GRM32ER61C476KE15L MURATA-GRM32ER61C476KE15L Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
More results

Similar Description - GRM32ER61C476K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM32ER61C226K MURATA-GRM32ER61C226K Datasheet
67Kb / 1P
   Chip Monolithic Ceramic Capacitor 1210 X5R 22關F 16V
GRM32ER60J476M MURATA-GRM32ER60J476M Datasheet
61Kb / 1P
   Chip Monolithic Ceramic Capacitor 1210 X5R 47關F 6.3V
GRM21BR61C106K MURATA-GRM21BR61C106K Datasheet
38Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 10關F 16V
GRM219R61C225K MURATA-GRM219R61C225K Datasheet
57Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 2.2關F 16V
GRM219R61C475K MURATA-GRM219R61C475K Datasheet
37Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 4.7關F 16V
GRM316R61C225K MURATA-GRM316R61C225K Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 2.2關F 16V
GRM188R61C105K MURATA-GRM188R61C105K Datasheet
56Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 1.0關F 16V
GRM319R61C475K MURATA-GRM319R61C475K Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 4.7關F 16V
GRM31CR61C226K MURATA-GRM31CR61C226K Datasheet
60Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 22關F 16V
GRM185R61C105K MURATA-GRM185R61C105K Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 1關F 16V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com