Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IBU61-106 Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # IBU61-106
Description  63W Open frame switching power supplies for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

IBU61-106 Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  IBU61-106 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. IBU61-106 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sym.
Parameter
Test Conditions
Min.
Typ.
Max. Unit
90
264
VAC
Universal Input Voltage
106
350
VDC
85
280
VAC
Vin
Input Voltage
Operating Voltage
100
400
VDC
Fin
Input Frequency
47
400
Hz
Wo
Output Power Range
Vin= Operating Voltage
0
63
W
Vo
Output Voltage Range
See rating chart
V
Io
Output Current Range
See rating chart
A
Iil
Input Current (Low Line)
Io=Full load, Vin=115VAC or 160VDC
1.6
A
Iih
Input Current (High Line)
Io=Full load, Vin=230VAC or 325VDC
0.8
A
Irl
Low Line Inrush Current
Io=Full load, 25
°c, Cool start,
Vin=115VAC or 160VDC
12
15
A
Irh
High Line Inrush Current
Io=Full load, 25
°c, Cool start,
Vin=230VAC or 325VDC
26
30
A
Eff
Efficiency
Io=Full Load, Vin=230VAC or 325VDC
70
80
88
%
REG-i
Line Regulation
Io=Full Load
0.5
1
%
REG-o
Load Regulation
Vin=230VAC or 325VDC
3
6
%
OVP
Over Voltage Protection
112
132
%
OCP
Over Current Protection
110
150
%
Ttr
Transient Response
Io=Full Load to Half Load,
Vin=100VAC or 140VDC
5
mS
Thold
Hold-Up Time
Io=Full Load, Vin=110VAC or 160VDC
16
mS
Ts
Start Up Time
Io=Full Load, Vin=100VAC or 140VDC
0.3
1
2
S
Vrn
Ripple & Noise (Pe ak to Peak)
Full Load, Vin=85VAC or 100VDC
1
2
%
Ilk
Safety Ground Leakage Curr ent
Io=Full Load, Vin=240VAC
0.4
0.45
mA
Tc
Temperature Coefficient
All output
-0.05
0.05
%/
°c
IBU61 SERIES
Description:
Wide Input Voltage 85 to 280 VAC, 47 to 400 Hz or 100 to 400VDC
Internal EMI filter
Single to Quad Output
Input connector mates with screw terminal (DINKLE#ESK750V-02P)
Output connector mates with Molex housing 09-50-3081 and
Molex 2478 series crimp terminal
Output Voltage Available From 3 VDC Thru 48VDC
Input Surge Current and Over Load protection
Over voltage protection (Crowbar Design)
Size: 3"x5"x1.1"
Class I Insulation
Two Years Warranty
Power Fail Detect (Optional)
Electrical Characteristics:
The IBU61 series of compact, open frame constructed, AC/DC or DC/DC
switching mode power supplies provide 63 Watts of continuous output
power . They are ideally suited for use in CRT terminals, disc drive
systems, microprocess or based systems, portable equipments and
many other applications, all models are designed to meet the safety
requirements of UL/c-UL(UL 60950-1),TUV-Bauart(EN60950-1) and new
CE requirements. All units are 100% burned in and tested.
Features:
63W Open frame switching power supplies for Industrial Equipment
Safety Specifications:
Environmental :
Relative Humidity
5
95
%
Operating Temperature
Storage Temperature
-20
70
85
-40
Toper
Hr
Tstg
Pd
Sym.
Parameter
Min. Typ. Max.
Unit
Derate linearly from 100% load at 50 C to 50% load at 70 C
Te s t Conditions
C
C
Parameter
Te s t Conditions
Min. Typ. Max.
Unit
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
4242
VDC
Primary to ground
2121
Test Voltage=500VDC
50
M
Vin=220VAC
B
CLASS
Sym.
Vps
Vpg
Ri
CISPR
FCC
Isolation Resistance
EMI requirements for CISPR-22
Vin=110VAC
VDC
B
CLASS
Dielectric Withstanding Voltage
for Primary to Ground
EMI requirements for FCC PART-15
Safety Approvals :
CB
Product Safety
BAUART
GEPRUFT
TYPE
APPROVED


Similar Part No. - IBU61-106

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
IBU60 VOLGEN-IBU60 Datasheet
393Kb / 2P
   63W Open frame switching power supplies for Industrial Equipment
IBU60-101 VOLGEN-IBU60-101 Datasheet
393Kb / 2P
   63W Open frame switching power supplies for Industrial Equipment
IBU60-102 VOLGEN-IBU60-102 Datasheet
393Kb / 2P
   63W Open frame switching power supplies for Industrial Equipment
IBU60-103 VOLGEN-IBU60-103 Datasheet
393Kb / 2P
   63W Open frame switching power supplies for Industrial Equipment
IBU60-104 VOLGEN-IBU60-104 Datasheet
393Kb / 2P
   63W Open frame switching power supplies for Industrial Equipment
More results

Similar Description - IBU61-106

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
IBU60 VOLGEN-IBU60 Datasheet
393Kb / 2P
   63W Open frame switching power supplies for Industrial Equipment
MBU61 VOLGEN-MBU61 Datasheet
365Kb / 2P
   63W Open Frame Switching Power Supplies For Medical Equipment.
MBU60 VOLGEN-MBU60 Datasheet
503Kb / 2P
   63W Open Frame Switching Power Supplies For Medical Equipment.
logo
Vitec Power
SIFA60-SERIES Vitec-SIFA60-SERIES Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA61-SERIES Vitec-SIFA61-SERIES Datasheet
535Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA60 Vitec-SIFA60 Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA61 Vitec-SIFA61 Datasheet
535Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA63 Vitec-SIFA63 Datasheet
545Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA63-SERIES Vitec-SIFA63-SERIES Datasheet
545Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA62 Vitec-SIFA62 Datasheet
544Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com