Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402WGF1303TCE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 0402WGF1303TCE
Description  Thick Film Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0402WGF1303TCE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  0402WGF1303TCE Datasheet HTML 1Page - List of Unclassifed Manufacturers 0402WGF1303TCE Datasheet HTML 2Page - List of Unclassifed Manufacturers 0402WGF1303TCE Datasheet HTML 3Page - List of Unclassifed Manufacturers 0402WGF1303TCE Datasheet HTML 4Page - List of Unclassifed Manufacturers 0402WGF1303TCE Datasheet HTML 5Page - List of Unclassifed Manufacturers 0402WGF1303TCE Datasheet HTML 6Page - List of Unclassifed Manufacturers 0402WGF1303TCE Datasheet HTML 7Page - List of Unclassifed Manufacturers 0402WGF1303TCE Datasheet HTML 8Page - List of Unclassifed Manufacturers 0402WGF1303TCE Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Thick Film Chip Resistors
Page 1
29/08/07 V1.1
Thick Film Chip Resistors
Features:
Small size and light weight.
Suitable for both flow and reflow soldering.
Reduction of assembly costs and matching with placement machines.
Performance Specifications:
Temperature coefficient
: ±5%: 1
Ω ~ 10Ω≤ ±200PPM/°C
±1%: 10
Ω ~ 100Ω≤ ±200PPM/°C; 101Ω ~ 1MΩ≤ ±100PPM/°C.
Short-time overload
: ±5%: ±(2.0% +0.1
Ω) Maximum
±1%: ±(1.0% +0.1
Ω) Maximum.
Minimum Insulation resistance
: 1000 Megaohm.
Dielectric withstanding voltage
: No evidence of flashover, mechanical damage, arcing or insulation breakdown.
Terminal bending
: ±(1.0% +0.05
Ω) Maximum .
Soldering heat
: ±(1.0% +0.05
Ω) Maximum.
Minimum solderability
: 95% coverage.
Temperature cycling
: ±5%: ±(1.0% +0.05
Ω) Maximum
±1%: ±(0.5% +0.05
Ω) Maximum.
Humidity (Steady state)
: ±5%: ±(3.0% +0.1
Ω) Maximum
: ±1%: ±(0.5% +0.1
Ω) Maximum.
Load life in humidity
: ±5%: ±(3.0% +0.1
Ω) Maximum
±1%: ±(1.0% +0.1
Ω) Maximum.
Load life
: ±5%: ±(3.0% +0.1
Ω) Maximum
±1%: ±(1.0% +0.1
Ω) Maximum.
*The values which are not of standard E-24 series (2% & 5%) and not of E-96 series (1%) could be offered on a case to case basis.
Specification Table
Type
Power
Rating at 70°C
(W)
Maximum
Working
Voltage
(V)
Maximum
Overload
Voltage
(V)
Operating
Temperature
(°C)
Tolerance
(%)
Resistance
Range
Standard
Series
0402
1/16
1A
2A
-55 to +155
Jumper
<50m
E96
E24
E24
50
100
±1
±2
±5
10
Ω -1MΩ
1
Ω - 10MΩ
1
Ω - 10MΩ


Similar Part No. - 0402WGF1303TCE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402WGF012JB1E ETC2-0402WGF012JB1E Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JBDE ETC2-0402WGF012JBDE Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JC1E ETC2-0402WGF012JC1E Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JCDE ETC2-0402WGF012JCDE Datasheet
141Kb / 3P
   Thick Film Chip Resistors
0402WGF012JT1E ETC2-0402WGF012JT1E Datasheet
141Kb / 3P
   Thick Film Chip Resistors
More results

Similar Description - 0402WGF1303TCE

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com