Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M55342K05B1C100CWSV Datasheet(PDF) 3 Page - Vishay Siliconix

Part # M55342K05B1C100CWSV
Description  QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M55342K05B1C100CWSV Datasheet(HTML) 3 Page - Vishay Siliconix

  M55342K05B1C100CWSV Datasheet HTML 1Page - Vishay Siliconix M55342K05B1C100CWSV Datasheet HTML 2Page - Vishay Siliconix M55342K05B1C100CWSV Datasheet HTML 3Page - Vishay Siliconix M55342K05B1C100CWSV Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
E/H (Military M/D55342)
www.vishay.com
Vishay Dale Thin Film
Revision: 04-Nov-14
3
Document Number: 60018
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Only add a V at the end of part number to specify Vishay Dale Thin Film for K, L and M TCR and tolerance 1 % and higher.
(2) Option 1 marking only. Case sizes 01, 02, 11, and 12 not available due to size.
(3) Failure Rate U and V require Group A and B testing on a Production Lot Basis.
DERATING
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: M55342E06B1C00RTS
GLOBAL
MODEL
TCR
CHARACTERISTIC
CASE
SIZE
TERMINATION
OHMIC VALUE
FAILURE
RATE
PACKAGING
THIN FILM
CODE (1)
M55342
or
D55342
(/07 size
only)
E = 25 ppm/°C
H = 50 ppm/°C
K = 100 ppm/°C
L = 200 ppm/°C
M = 300 ppm/°C
01 = 0502
02 = 0505
03 = 1005
04 = 1505
05 = 2208
06 = 0705
07 = 1206
08 = 2010
09 = 2512
10 = 1010
11 = 0402
12 = 0603
B = Solderable
Three digits and a letter. Letter
identifies tolerance, acts as
multiplier and decimal locator.
M = 1.0 %
per 1000 h
P = 0.1 %
per 1000 h
R = 0.01 %
per 1000 h
U = 0.01 %
per 1000 h(3)
S = 0.001 %
per 1000 h
V = 0.001 %
per 1000 h (3)
C = Non ER
version
Standard Packaging:
BS =BULK
100 min., 1 mult
WS =WAFFLE
100 min., 1 mult
W0 =WAFFLE
100 min.,100 mult
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel ( 2K, 4K, or
5K dependent on case
size ) per tape and reel
document 60034
TS = 100 min., 1 mult
Special Packaging:
WAFFLE
WI = 100 min., 1 mult
(item single lot date code)
WP =100 min., 1 mult
(package unit single lot
date code)
TAPE AND REEL
TI = 100 min., 1 mult
(item single lot date code)
TP = 100 min., 1 mult
(package unit single lot
date code)
V
for
K, L and M
TCR
W/tolerance
 1 %
M = Part
marked (2)
MULTIPLIER
Tolerance
1
 1 k 1 M
0.1 %
A
B
C
0.25 %
R
U
V
0.5 %
W
Y
Z
1 %
D
E
F
2 %
G
H
T
5 %
J
K
L
10 %
M
N
P
Historical Part Number example: M55342K06B5E60R (for reference purposes only)
M55342
K
06
B
5E60
R
SERIES
TCR
CHARACTERISTIC
CASE SIZE
TERMINATION
VALUE AND
TOLERANCE
FAILURE RATE
Ambient Temperature °C
0
20
40
60
80
100
-75
-50
-25
0
25
50
75
100
125
175
150
5342
06
B
E
M5
1C
0R
T
0
S
V


Similar Part No. - M55342K05B1C100CWSV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M55342K02B10E0C VISHAY-M55342K02B10E0C Datasheet
92Kb / 2P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 15-Oct-15
M55342K02B10E0CS2T VISHAY-M55342K02B10E0CS2T Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
M55342K02B10E0CS3T VISHAY-M55342K02B10E0CS3T Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
M55342K02B10E0CS6T VISHAY-M55342K02B10E0CS6T Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
M55342K02B10E0CTPT VISHAY-M55342K02B10E0CTPT Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
More results

Similar Description - M55342K05B1C100CWSV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M55342 VISHAY-M55342 Datasheet
123Kb / 2P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision 08-Oct-04
D55342E07B271BRT5 VISHAY-D55342E07B271BRT5 Datasheet
87Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-13
EH VISHAY-EH Datasheet
90Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 04-Nov-14
M55342K03B10E0R VISHAY-M55342K03B10E0R Datasheet
87Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-13
M55342 VISHAY-M55342_10 Datasheet
62Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Surface Mount Chip
Revision: 28-Jul-10
RCWPM VISHAY-RCWPM_15 Datasheet
372Kb / 5P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 15-Oct-15
M55342K06B15E0RS3 VISHAY-M55342K06B15E0RS3 Datasheet
109Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 22-Nov-12
RCWPM VISHAY-RCWPM Datasheet
92Kb / 2P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 15-Oct-15
RCWPM-07 VISHAY-RCWPM-07 Datasheet
59Kb / 3P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 30-Aug-06
RCWPM VISHAY-RCWPM_08 Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com